データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC40-48S05 データシート(PDF) 3 Page - Astrodyne Corporation

部品番号 FDC40-48S05
部品情報  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC40-48S05 データシート(HTML) 3 Page - Astrodyne Corporation

  FDC40-48S05 Datasheet HTML 1Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 2Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 3Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 4Page - Astrodyne Corporation FDC40-48S05 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-0.5%
duals: +/-1%
triples: 5 V:+/-2%, Aux: +/-5%
Line Regulation
singles: +/-0.5%
duals: +/-1%
triples: 5V:+/-2%, Aux:+/-5%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise
1% Pk-Pk of Vout, typ
Voltage Stability
(singles/duals)
+/- 2%
(triples)
5 V:+/-2%, Aux: +/-5%
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold: 3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPECIFICATIONS
On/Off Control
(Ref to - Input pin)
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
1600VDC
Isolation Resistance
10000 M Ohms
Efficiency
82%, typ
Switching Frequency
185Khz, typ
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature (Case)
-25 to +85 DegC(see derate)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
100 DegC *
MTBF
1.61 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
4.5 oz, (126g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
45
55
65
75
36
40
80
81
INPUT VOLTAGE (V)
FDC40-48S05
Efficiency VS Input Voltage
90
89
88
87
86
85
84
83
82
60
50
70
68
0.5
1
45
50
OUTPUT LOAD (A)
FDC40-48S05
Efficiency VS Output load
90
89
88
86
84
82
80
70
60
2
3
4
57
EFFICIENCY CURVES


同様の部品番号 - FDC40-48S05

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FDC40-48S05 ETC1-FDC40-48S05 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC40-48S05 ASTRODYNE-FDC40-48S05 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
logo
Volgen Kaga Electronics...
FDC40-48S05 VOLGEN-FDC40-48S05 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
More results

同様の説明 - FDC40-48S05

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40 Datasheet
540Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com