データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT3613-20PQ データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74ABT3613-20PQ
部品情報  CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT3613-20PQ データシート(HTML) 7 Page - Texas Instruments

Back Button SN74ABT3613-20PQ Datasheet HTML 3Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 4Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 5Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 6Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 7Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 8Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 9Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 10Page - Texas Instruments SN74ABT3613-20PQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SN74ABT3613
64
× 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
WITH BUS MATCHING AND BYTE SWAPPING
SCBS128F – JULY 1992 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FIFO write/read operation
The state of the port-A data (A0–A35) outputs is controlled by the port-A chip select (CSA) and the port-A
write/read select (W/RA). The A0–A35 outputs are in the high-impedance state when either CSA or W/RA is
high. The A0–A35 outputs are active when both CSA and W/RA are low. Data is loaded into the FIFO from the
A0–A35 inputs on a low-to-high transition of CLKA when CSA is low, W/RA is high, ENA is high, MBA is low,
and FFA is high (see Table 2).
Table 2. Port-A Enable Function Table
CSA
W/RA
ENA
MBA
CLKA
A0–A35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
L
In high-impedance state
FIFO write
L
H
H
H
In high-impedance state
Mail1 write
L
L
L
L
X
Active, mail2 register
None
L
L
H
L
Active, mail2 register
None
L
L
L
H
X
Active, mail2 register
None
L
L
H
H
Active, mail2 register
Mail2 read (set MBF2 high)
The state of the port-B data (B0–B35) outputs is controlled by the port-B chip select (CSB) and the port-B
write/read select (W/RB). The B0–B35 outputs are in the high-impedance state when either CSB or W/RB is
high. The B0–B35 outputs are active when both CSB and W/RB are low. Data is read from the FIFO to the
B0–B35 outputs by a low-to-high transition of CLKB when CSB is low, W/RB is low, ENB is high, EFB is high,
and either SIZ0 or SIZ1 is low (see Table 3).
Table 3. Port-B Enable Function Table
CSB
W/RB
ENB
SIZ1, SIZ0
CLKB
B0–B35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
H
L
X
X
In high-impedance state
None
L
H
H
One, both low
In high-impedance state
None
L
H
H
Both high
In high-impedance state
Mail2 write
L
L
L
One, both low
X
Active, FIFO output register
None
L
L
H
One, both low
Active, FIFO output register
FIFO read
L
L
L
Both high
X
Active, mail1 register
None
L
L
H
Both high
Active, mail1 register
Mail1 read (set MBF1 high)
The setup- and hold-time constraints to the port clocks for the port-chip selects (CSA, CSB) and write/read
selects (W/RA, W/RB) are only for enabling write and read operations and are not related to high-impedance
control of the data outputs. If a port enable is low during a clock cycle, the port chip select and write/read select
can change states during the setup- and hold-time window of the cycle.


同様の部品番号 - SN74ABT3613-20PQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613PCB TI-SN74ABT3613PCB Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3613PQ TI-SN74ABT3613PQ Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
More results

同様の説明 - SN74ABT3613-20PQ

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT3613 TI-SN74ABT3613 Datasheet
460Kb / 32P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3614 TI-SN74ABT3614 Datasheet
636Kb / 41P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN54ABT3614 TI-SN54ABT3614 Datasheet
646Kb / 42P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY WITH BUS MATCHING AND BYTE SWAPPING
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com