データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM248DRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM248DRE4
部品情報  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM248DRE4 データシート(HTML) 1 Page - Texas Instruments

  LM248DRE4 Datasheet HTML 1Page - Texas Instruments LM248DRE4 Datasheet HTML 2Page - Texas Instruments LM248DRE4 Datasheet HTML 3Page - Texas Instruments LM248DRE4 Datasheet HTML 4Page - Texas Instruments LM248DRE4 Datasheet HTML 5Page - Texas Instruments LM248DRE4 Datasheet HTML 6Page - Texas Instruments LM248DRE4 Datasheet HTML 7Page - Texas Instruments LM248DRE4 Datasheet HTML 8Page - Texas Instruments LM248DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM148, LM248, LM348
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS058C – OCTOBER 1979 – REVISED DECEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D µA741 Operating Characteristics
D Low Supply-Current Drain . . . 0.6 mA Typ
(per amplifier)
D Low Input Offset Voltage
D Low Input Offset Current
D Class AB Output Stage
D Input/Output Overload Protection
D Designed to Be Interchangeable With
Industry Standard LM148, LM248, and
LM348
description/ordering information
The LM148, LM248, and LM348 are quadruple,
independent, high-gain, internally compensated
operational amplifiers designed to have operating
characteristics similar to the
µA741. These
amplifiers exhibit low supply-current drain and
input bias and offset currents that are much less
than those of the
µA741.
ORDERING INFORMATION
T
VIOmax
PACKAGE†
ORDERABLE
TOP-SIDE
TA
VIOmax
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
LM348N
LM348N
0
°Cto70°C
6mV
SOIC (D)
Tube of 50
LM348D
LM348
0
°C to 70°C
6 mV
SOIC (D)
Reel of 2500
LM348DR
LM348
SOP (NS)
Reel of 2000
LM348NSR
LM348
PDIP (N)
Tube of 25
LM248N
LM248N
–25
°C to 85°C
6 mV
SOIC (D)
Tube of 50
LM248D
LM248
SOIC (D)
Reel of 2500
LM248DR
LM248
55
°C to 125°C
5mV
CDIP (J)
Tube of 25
LM148J
LM148J
–55
°C to 125°C
5 mV
LCCC (FK)
Tube of 50
LM148FK
LM148FK
LCCC (FK)
Tube of 50
LM148FK
LM148FK
† Package drawings, standard packing quantities, thermal data, symboliztion, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1 IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
VCC–
3IN+
3IN–
3OUT
LM148 ...J PACKAGE
LM248 ...D OR N PACKAGE
LM348 . . . D, N, OR NS PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VCC–
NC
3IN+
1IN+
NC
VCC+
NC
2IN+
LM148 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - LM248DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM248DRE4 TI-LM248DRE4 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
More results

同様の説明 - LM248DRE4

メーカー部品番号データシート部品情報
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com