データシートサーチシステム |
|
LM1085ISX-3.3 データシート(PDF) 1 Page - Texas Instruments |
|
|
LM1085ISX-3.3 データシート(HTML) 1 Page - Texas Instruments |
1 / 29 page Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM1085 SNVS038H – JULY 1999 – REVISED JANUARY 2015 LM1085 3-A Low Dropout Positive Regulators 1 Features 3 Description The LM1085 is a regulator with a maximum dropout 1 • Available in 3.3-V, 5.0-V, 12-V and Adjustable of 1.5 V at 3 A of load current. It has the same pin- Versions out as TI's industry standard LM317. • Current Limiting and Thermal Protection Two resistors are required to set the output voltage of • Output Current 3 A the adjustable output voltage version of the LM1085. • Line Regulation 0.015% (typical) Fixed output voltage versions integrate the adjust • Load Regulation 0.1% (typical) resistors. The LM1085 circuit includes a zener trimmed 2 Applications bandgap reference, current limiting and thermal shutdown. • High Efficiency Linear Regulators • Battery Charger Refer to the LM1084 for the 5A version, and the LM1086 for the 1.5A version. • Post Regulation for Switching Supplies • Constant Current Regulator Device Information(1) • Microprocessor Supply PART NUMBER PACKAGE BODY SIZE (NOM) DDPAK/TO-263 (3) 10.18 mm × 8.41 mm LM1085 TO-220 (3) 14.986 mm × 10.16 mm (1) For all available packages, see the orderable addendum at the end of the datasheet. Typical Application 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
同様の部品番号 - LM1085ISX-3.3 |
|
同様の説明 - LM1085ISX-3.3 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |