データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1085 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1085
部品情報  3-A Low Dropout Positive Regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1085 データシート(HTML) 6 Page - Texas Instruments

Back Button LM1085 Datasheet HTML 2Page - Texas Instruments LM1085 Datasheet HTML 3Page - Texas Instruments LM1085 Datasheet HTML 4Page - Texas Instruments LM1085 Datasheet HTML 5Page - Texas Instruments LM1085 Datasheet HTML 6Page - Texas Instruments LM1085 Datasheet HTML 7Page - Texas Instruments LM1085 Datasheet HTML 8Page - Texas Instruments LM1085 Datasheet HTML 9Page - Texas Instruments LM1085 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM1085
SNVS038H – JULY 1999 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM1085-ADJ, VIN−VOUT = 5 V, –40°C ≤ TJ ≤ 125°C
3.2
5.5
A
LM1085-ADJ, VIN−VOUT = 25 V, –40°C ≤ TJ ≤ 125°C
0.2
0.5
ILIMIT
Current Limit
LM1085-3.3, VIN = 8.0 V, –40°C ≤ TJ ≤ 125°C
3.2
5.5
A
LM1085-5.0, VIN = 10 V, –40°C ≤ TJ ≤ 125°C
3.2
5.5
A
LM1085-12, VIN = 17 V, –40°C ≤ TJ ≤ 125°C
3.2
5.5
A
Minimum Load
LM1085-ADJ, VIN −VOUT = 25 V, –40°C ≤ TJ ≤ 125°C
5.0
10.0
mA
Current (6)
LM1085-3.3, VIN ≤ 18 V, –40°C ≤ TJ ≤ 125°C
5.0
10.0
mA
IGND
Quiescent Current
LM1085-5.0, VIN ≤ 20 V, –40°C ≤ TJ ≤ 125°C
5.0
10.0
mA
LM1085-12, VIN ≤ 25 V, –40°C ≤ TJ ≤ 125°C
5.0
10.0
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
.004
0.02
%/W
fRIPPLE = 120Hz, COUT = 25µF Tantalum, IOUT = 3A,
LM1085-ADJ, CADJ = 25µF, (VIN−VO) = 3 V, –40°C ≤ TJ
60
75
dB
≤ 125°C
Ripple Rejection
LM1085-3.3, VIN = 6.3 V, –40°C ≤ TJ ≤ 125°C
60
72
dB
LM1085-5.0, VIN = 8.0 V, –40°C ≤ TJ ≤ 125°C
60
68
dB
LM1085-12, VIN = 15 V, –40°C ≤ TJ ≤ 125°C
54
60
dB
LM1085–ADJ
55
IADJ
Adjust Pin Current
µA
LM1085–ADJ, –40°C
≤ TJ ≤ 125°C
120
Adjust Pin Current
LM1085–ADJ, 10mA
≤ IOUT ≤ IFULL LOAD, 1.5 V ≤
ΔIADJ
0.2
5
µA
Change
VIN−VOUT ≤ 25 V, –40°C ≤ TJ ≤ 125°C
Temperature Stability
–40°C
≤ TJ ≤ 125°C
0.5
Long Term Stability
TA= 125°C, 1000 Hrs
0.3
1.0
RMS Output Noise
10Hz
≤ f ≤ 10 kHz
0.003
(% of VOUT)
(6)
The minimum output current required to maintain regulation.
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM1085


同様の部品番号 - LM1085

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
[Old version datasheet]   The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

同様の説明 - LM1085

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com