データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXYK120N120B3 データシート(PDF) 2 Page - IXYS Corporation

部品番号 IXYK120N120B3
部品情報  Advance Technical Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK120N120B3 データシート(HTML) 2 Page - IXYS Corporation

  IXYK120N120B3 Datasheet HTML 1Page - IXYS Corporation IXYK120N120B3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYK120N120B3
IXYX120N120B3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
40
70
S
C
ies
9800
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
567
pF
C
res
215
pF
Q
g(on)
400
nC
Q
ge
I
C = I
C110, VGE = 15V, VCE = 0.5 • VCES
70
nC
Q
gc
190
nC
t
d(on)
30
ns
t
ri
54
ns
E
on
9.7
mJ
t
d(off)
340
ns
t
fi
260
ns
E
off
21.5
mJ
t
d(on)
29
ns
t
ri
55
ns
E
on
14.7
mJ
t
d(off)
420
ns
t
fi
406
ns
E
off
27.9
mJ
R
thJC
0.10 °C/W
R
thCS
0.15
°C/W
Inductive load, T
J = 25°C
I
C = 100A, VGE = 15V
V
CE = 0.8 • VCES, RG = 1
Note 2
Inductive load, T
J = 150°C
I
C = 100A, VGE = 15V
V
CE = 0.8 • VCES, RG = 1
Note 2
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
TO-264P Outline
Terminals: 1 = Gate
2,4 = Collector
3 = Emitter
Terminals: 1 - Gate
2,4 - Collector
3 - Emitter
PLUS247TM Outline


同様の部品番号 - IXYK120N120B3

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
More results

同様の説明 - IXYK120N120B3

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com