データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS1881_1311 データシート(PDF) 9 Page - SEC Electronics Inc.

部品番号 SS1881_1311
部品情報  Hall Latch - High Sensitivity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECELECTRONICS [SEC Electronics Inc.]
ホームページ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1881_1311 データシート(HTML) 9 Page - SEC Electronics Inc.

  SS1881_1311 Datasheet HTML 1Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 2Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 3Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 4Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 5Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 6Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 7Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 8Page - SEC Electronics Inc. SS1881_1311 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SS1881
Hall Latch - High Sensitivity
9
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
Or
dering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS1881ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1881EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS1881KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1881KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS1881LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1881LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
0.56
0.66
0.95
1.50
Chip
3
2
1
Bottom View of SOT-23 Package
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;


同様の部品番号 - SS1881_1311

メーカー部品番号データシート部品情報
logo
SEC Electronics Inc.
SS1881ESOT SECELECTRONICS-SS1881ESOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881EUA SECELECTRONICS-SS1881EUA Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881KSOT SECELECTRONICS-SS1881KSOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881KUA SECELECTRONICS-SS1881KUA Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS1881LSOT SECELECTRONICS-SS1881LSOT Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
More results

同様の説明 - SS1881_1311

メーカー部品番号データシート部品情報
logo
SEC Electronics Inc.
SS732 SECELECTRONICS-SS732 Datasheet
265Kb / 10P
   Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
   Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
   Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
   Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
   Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
   Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
   Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
   Hall Latch - High Sensitivity
SS2406 SECELECTRONICS-SS2406 Datasheet
339Kb / 8P
   Hall Latch - High Sensitivity
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2609 SECELECTRONICS-SS2609 Datasheet
347Kb / 6P
   Hall Latch - High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com