データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT1284DBLE データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74ACT1284DBLE
部品情報  7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT1284DBLE データシート(HTML) 11 Page - Texas Instruments

Back Button SN74ACT1284DBLE Datasheet HTML 7Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 8Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 9Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 10Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 11Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 12Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 13Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 14Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


同様の部品番号 - SN74ACT1284DBLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT1284DBLE TI-SN74ACT1284DBLE Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ACT1284DBLE

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ACT1284 TI-SN54ACT1284 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com