データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC594NSR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC594NSR
部品情報  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594NSR データシート(HTML) 4 Page - Texas Instruments

  SN74AHC594NSR Datasheet HTML 1Page - Texas Instruments SN74AHC594NSR Datasheet HTML 2Page - Texas Instruments SN74AHC594NSR Datasheet HTML 3Page - Texas Instruments SN74AHC594NSR Datasheet HTML 4Page - Texas Instruments SN74AHC594NSR Datasheet HTML 5Page - Texas Instruments SN74AHC594NSR Datasheet HTML 6Page - Texas Instruments SN74AHC594NSR Datasheet HTML 7Page - Texas Instruments SN74AHC594NSR Datasheet HTML 8Page - Texas Instruments SN74AHC594NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN54AHC594, SN74AHC594
SCLS423G – JUNE 1998 – REVISED JULY 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±75
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHC594(2)
SN74AHC594
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
IOH
High-level output current
VCC = 3 V ± 0.3 V
–4
–4
mA
VCC = 5.5 V ± 0.5 V
–8
–8
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 3 V ± 0.3 V
4
4
mA
VCC = 5.5 V ± 0.5 V
8
8
VCC = 3 V ± 0.3 V
100
100
∆t/∆v
Input transition rise and fall time
ns/V
VCC = 5.5 V ± 0.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, (SCBA004).
(2)
Product Preview
4
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC594 SN74AHC594


同様の部品番号 - SN74AHC594NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC594NSR TI-SN74AHC594NSR Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594NSRE4 TI-SN74AHC594NSRE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

同様の説明 - SN74AHC594NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com