データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC573NSR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC573NSR
部品情報  Octal Transparent D-Type Latches With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC573NSR データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AHC573NSR Datasheet HTML 4Page - Texas Instruments SN74AHC573NSR Datasheet HTML 5Page - Texas Instruments SN74AHC573NSR Datasheet HTML 6Page - Texas Instruments SN74AHC573NSR Datasheet HTML 7Page - Texas Instruments SN74AHC573NSR Datasheet HTML 8Page - Texas Instruments SN74AHC573NSR Datasheet HTML 9Page - Texas Instruments SN74AHC573NSR Datasheet HTML 10Page - Texas Instruments SN74AHC573NSR Datasheet HTML 11Page - Texas Instruments SN74AHC573NSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SN54AHC573, SN74AHC573
SCLS242L – OCTOBER 1995 – REVISED SEPTEMBER 2014
www.ti.com
7.9 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC573
SN74AHC573
FROM
TO
LOAD
SN74AHC573
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
4.5(1)
6.8(1)
1(1)
8(1)
1
8
1
8.5
D
Q
CL = 15 pF
ns
tPHL
4.5(1)
6.8(1)
1(1)
8(1)
1
8
1
8.5
tPLH
5(1)
7.7(1)
1(1)
9(1)
1
9
1
10
LE
Q
CL = 15 pF
ns
tPHL
5(1)
7.7(1)
1(1)
9(1)
1
9
1
10
tPZH
5.2(1)
7.7(1)
1(1)
9(1)
1
9
1
10
OE
Q
CL = 15 pF
ns
tPZL
5.2(1)
7.7(1)
1(1)
9(1)
1
9
1
10
tPHZ
5.2(1)
7.7(1)
1(1)
9(1)
1
9
1
10
OE
Q
CL = 15 pF
ns
tPLZ
5.2(1)
7.7(1)
1(1)
9(1)
1
9
1
10
tPLH
6
8.8
1
10
1
10
1
11
D
Q
CL = 50 pF
ns
tPHL
6
8.8
1
10
1
10
1
11
tPLH
6.5
9.7
1
11
1
11
1
12
LE
Q
CL = 50 pF
ns
tPHL
6.5
9.7
1
11
1
11
1
12
tPZH
6.7
9.7
1
11
1
11
1
12
OE
Q
CL = 50 pF
ns
tPZL
6.7
9.7
1
11
1
11
1
12
tPHZ
6.7
9.7
1
11
1
11
1
12
OE
Q
CL = 50 pF
ns
tPLZ
6.7
9.7
1
11
1
11
1
12
tsk(o)
CL = 50 pF
1(2)
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.10 Noise Characteristics
(1)
VCC = 5 V, CL = 50 pF, TA = 25°C
SN74AHC573
PARAMETER
UNIT
MIN
MAX
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
7.11 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
16
pF
8
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC573 SN74AHC573


同様の部品番号 - SN74AHC573NSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC573NSR TI-SN74AHC573NSR Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573NSR TI-SN74AHC573NSR Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573NSRE4 TI-SN74AHC573NSRE4 Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573NSRE4 TI-SN74AHC573NSRE4 Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHC573NSR

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com