データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC573PW データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC573PW
部品情報  Octal Transparent D-Type Latches With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC573PW データシート(HTML) 5 Page - Texas Instruments

  SN74AHC573PW Datasheet HTML 1Page - Texas Instruments SN74AHC573PW Datasheet HTML 2Page - Texas Instruments SN74AHC573PW Datasheet HTML 3Page - Texas Instruments SN74AHC573PW Datasheet HTML 4Page - Texas Instruments SN74AHC573PW Datasheet HTML 5Page - Texas Instruments SN74AHC573PW Datasheet HTML 6Page - Texas Instruments SN74AHC573PW Datasheet HTML 7Page - Texas Instruments SN74AHC573PW Datasheet HTML 8Page - Texas Instruments SN74AHC573PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SN54AHC573, SN74AHC573
www.ti.com
SCLS242L – OCTOBER 1995 – REVISED SEPTEMBER 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHC573
SN74AHC573
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
–4
mA
VCC = 5 V ± 0.5 V
–8
–8
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
4
mA
VCC = 5 V ± 0.5 V
8
8
VCC = 3.3 V ± 0.3 V
100
100
∆t/∆v
Input transition rise or fall rate
ns/V
VCC = 5 V ± 0.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
SN74AHC573
THERMAL METRIC(1)
DW
DB
DGV
N
NS
PW
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
79.4
97.9
117.2
53.3
79.2
103.3
RθJC(top)
Junction-to-case (top) thermal resistance
45.7
59.6
32.7
40.0
45.7
37.8
RθJB
Junction-to-board thermal resistance
46.9
53.1
58.7
34.2
46.8
54.3
°C/W
ψJT
Junction-to-top characterization parameter
18.7
21.3
1.15
26.4
19.3
2.9
ψJB
Junction-to-board characterization parameter
46.5
52.7
58.0
34.1
46.4
53.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC573 SN74AHC573


同様の部品番号 - SN74AHC573PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC573PW TI-SN74AHC573PW Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573PW TI-SN74AHC573PW Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573PWE4 TI-SN74AHC573PWE4 Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573PWE4 TI-SN74AHC573PWE4 Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573PWLE TI-SN74AHC573PWLE Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
More results

同様の説明 - SN74AHC573PW

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com