データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N-SP-5DSFA-CF データシート(PDF) 10 Page - DDK Ltd.

部品番号 N-SP-5DSFA-CF
部品情報  N Style Coaxial Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DDK [DDK Ltd.]
ホームページ  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-SP-5DSFA-CF データシート(HTML) 10 Page - DDK Ltd.

Back Button N-SP-5DSFA-CF Datasheet HTML 4Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 5Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 6Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 7Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 8Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 9Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 10Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 11Page - DDK Ltd. N-SP-5DSFA-CF Datasheet HTML 12Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Assmbly Instruction(3)Straight Panel Jack
Nut
Washer
Gasket
Clamp
Contact
Washer
Insulator
Body
15mm
3.5~4mm
3.5mm
5mm
(Pre-soldering)
Cable
Nut
Washer
Gasket
Outer
Conductor
Clamp
Insulator Center Conductor
Soldering
Contact
No gap
Washer
Insulator
L1
L2
Insulator
Washer
Nut
Washer
Gasket
Clamp
Contact
Washer
Insulator
Body
15mm
3.5~4mm
3.5mm
5mm
(Pre-soldering)
Cable
Nut
Washer
Gasket
Outer
Conductor
Clamp
Insulator Center Conductor
Soldering
Contact
No gap
Washer
Insulator
L1
L2
Insulator
Washer
10
① L=The Cable length require for the single-ended
cable assembly.
L=L1-6.7
   L=-L2-1.2
Parts Configulration
Insert the nut, washer and gasket into the cable.
  Cut the sheath 15mm from the end of the cable
and insert the clamp.
Please be careful to not damage the outer
conductor.
Pick the outer conductor and turn down to the
clamp. Cut the outer conductor along the clamp.
Cut the insulator and center conductor as fig.3.
Please be careful to not damage the center
conductor.
Solder up the contact with the center conductor.
  Please be careful to not deform the insulator
by heat.
When the solder is stick out, please shave the extra
solder.
No gap between contact and insulator of the cable.
Insert the above assembly into the body and screw
up by wrench.
Recommended Tightening Torque
        
:196 〜 392N・cm(20 〜 40kgf・cm)
Insert the ring and insulator as fig. 5.
● In case of the insulator which has directivity,
insert the insulator as below direction and fit
the thinner side of the insulator into the inside
diameter of the washer.


同様の部品番号 - N-SP-5DSFA-CF

メーカー部品番号データシート部品情報
logo
DDK Ltd.
N-SA-JJ-HG DDK-N-SA-JJ-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D1 DDK-N-SA-JJ-HG-D1 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D2 DDK-N-SA-JJ-HG-D2 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG-D3 DDK-N-SA-JJ-HG-D3 Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JP-HG DDK-N-SA-JP-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
More results

同様の説明 - N-SP-5DSFA-CF

メーカー部品番号データシート部品情報
logo
DDK Ltd.
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
7-16 DDK-7-16 Datasheet
727Kb / 3P
   7-16 Style Rugged Coaxial Connector
716-SP-10DWFCH-CF DDK-716-SP-10DWFCH-CF Datasheet
728Kb / 3P
   7/16 Style Rugged Coaxial Connector
logo
Huber+Suhner, Inc.
46_N-50-0-1133_N HUBERSUHNER-46_N-50-0-1133_N Datasheet
521Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 3 jacks (female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
   COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
52_N-50-0-4133_U HUBERSUHNER-52_N-50-0-4133_U Datasheet
517Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / plug (male / male)
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
Huber+Suhner, Inc.
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
   COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com