データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040BIM3-10.0 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4040BIM3-10.0
部品情報  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040BIM3-10.0 データシート(HTML) 4 Page - Texas Instruments

  LM4040BIM3-10.0 Datasheet HTML 1Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 2Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 3Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 4Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 5Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 6Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 7Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 8Page - Texas Instruments LM4040BIM3-10.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
1
3
4
±
+
2
NC
(2)
5
NC
NC
+
±
NC
1
2
3
(1)
+
±
4
LM4040-N, LM4040-N-Q1
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
Top View
LP Package
3-Pin TO-92
Bottom View
(1)
This pin must be left floating or connected to pin 2.
(2)
This pin must be left floating or connected to pin 1.
DCK Package
5-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
TO-92
SC70
Anode
2
1
1
O
Anode pin, normally grounded
Cathode
1
2
3
I/O
Shunt Current/Output Voltage
NC
3(1)
2(2)
Must float or connect to anode
NC
3
4, 5
No connect


同様の部品番号 - LM4040BIM3-10.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040BIM3-10.0 NSC-LM4040BIM3-10.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040BIM3-10.0 NSC-LM4040BIM3-10.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040BIM3-10.0 TI1-LM4040BIM3-10.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040BIM3-10.0 TI1-LM4040BIM3-10.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040BIM3-10.0/NOPB TI1-LM4040BIM3-10.0/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040BIM3-10.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com