データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC2G126 データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74AHC2G126
部品情報  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2G126 データシート(HTML) 4 Page - Texas Instruments

  SN74AHC2G126 Datasheet HTML 1Page - Texas Instruments SN74AHC2G126 Datasheet HTML 2Page - Texas Instruments SN74AHC2G126 Datasheet HTML 3Page - Texas Instruments SN74AHC2G126 Datasheet HTML 4Page - Texas Instruments SN74AHC2G126 Datasheet HTML 5Page - Texas Instruments SN74AHC2G126 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN74AHC2G126
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCLS440A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
ns
tPHL
A
Y
CL = 15 pF
ns
tPZH
OE
Y
CL =15 pF
ns
tPZL
OE
Y
CL = 15 pF
ns
tPHZ
OE
Y
CL =15 pF
ns
tPLZ
OE
Y
CL = 15 pF
ns
tPLH
A
Y
CL =50 pF
ns
tPHL
A
Y
CL = 50 pF
ns
tPZH
OE
Y
CL =50 pF
ns
tPZL
OE
Y
CL = 50 pF
ns
tPHZ
OE
Y
CL =50 pF
ns
tPLZ
OE
Y
CL = 50 pF
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
pF


同様の部品番号 - SN74AHC2G126

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCT3 TI1-SN74AHC2G125HDCT3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125HDCU3 TI1-SN74AHC2G125HDCU3 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHC2G126

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI1-SN74LVC2G125_18 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Bus Buffer Gate With 3-State Outputs
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125 Datasheet
263Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G125 TI-SN74AUC2G125_09 Datasheet
553Kb / 14P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC2G125 TI1-SN74AHC2G125 Datasheet
87Kb / 6P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125 TI-SN74LVC2G125 Datasheet
346Kb / 13P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3 STATE OUTPUTS
SN74LVC2G126 TI-SN74LVC2G126_08 Datasheet
430Kb / 12P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G125-Q1 TI-SN74LVC2G125-Q1 Datasheet
138Kb / 8P
[Old version datasheet]   DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com