データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC14QPWRQ1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHC14QPWRQ1
部品情報  HEX SCHMITT-TRIGGER INVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC14QPWRQ1 データシート(HTML) 3 Page - Texas Instruments

  SN74AHC14QPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74AHC14QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74AHC14QQ1
HEX SCHMITT TRIGGER INVERTER
SGDS016A − FEBRUARY 2002 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
VT+
3 V
1.2
2.2
1.2
2.2
VT+
Positive-going
input threshold voltage
4.5 V
1.75
3.15
1.75
3.15
V
Positive-going
input threshold voltage
5.5 V
2.15
3.85
2.15
3.85
V
VT−
3 V
0.9
1.9
0.9
1.9
VT−
Negative-going
input threshold voltage
4.5 V
1.35
2.75
1.35
2.75
V
Negative-going
input threshold voltage
5.5 V
1.65
3.35
1.65
3.35
V
∆VT
3 V
0.3
1.2
0.3
1.2
∆VT
Hysteresis (VT+ − VT−)
4.5 V
0.4
1.4
0.4
1.4
V
Hysteresis (VT+ − VT−)
5.5 V
0.5
1.6
0.5
1.6
V
2 V
1.9
2
1.9
IOH = −50 mA
3 V
2.9
3
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.5
V
IOL = 8 mA
4.5 V
0.36
0.5
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
mA
Ci
VI = VCC or GND
5 V
2
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
8.3
12.8
1
15
ns
tPHL
A
Y
CL = 15 pF
8.3
12.8
1
15
ns
tPLH
A
Y
CL = 50 pF
10.8
16.3
1
18.5
ns
tPHL
A
Y
CL = 50 pF
10.8
16.3
1
18.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
5.5
8.6
1
10
ns
tPHL
A
Y
CL = 15 pF
5.5
8.6
1
10
ns
tPLH
A
Y
CL = 50 pF
7
10.6
1
12
ns
tPHL
A
Y
CL = 50 pF
7
10.6
1
12
ns


同様の部品番号 - SN74AHC14QPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC14QPWRQ1 TI-SN74AHC14QPWRQ1 Datasheet
198Kb / 9P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14QPWRQ1 TI-SN74AHC14QPWRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74AHC14Q-Q1 Automotive Hex Schmitt-Trigger Inverter
REVISED JUNE 2023
More results

同様の説明 - SN74AHC14QPWRQ1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com