データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHC125Q データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74AHC125Q
部品情報  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC125Q データシート(HTML) 4 Page - Texas Instruments

  SN74AHC125Q_15 Datasheet HTML 1Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 2Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 3Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 4Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 5Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 6Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 7Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 8Page - Texas Instruments SN74AHC125Q_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHC125Q
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SGDS015 − FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
5.6
8
1
9.5
ns
tPHL
A
Y
CL = 15 pF
5.6
8
1
9.5
ns
tPZH
OE
Y
C
15 pF
5.4
8
1
9.5
ns
tPZL
OE
Y
CL = 15 pF
5.4
8
1
9.5
ns
tPHZ
OE
Y
C
15 pF
7
9.7
1
11.5
ns
tPLZ
OE
Y
CL = 15 pF
7
9.7
1
11.5
ns
tPLH
A
Y
C
50 pF
8.1
11.5
1
13
ns
tPHL
A
Y
CL = 50 pF
8.1
11.5
1
13
ns
tPZH
OE
Y
C
50 pF
7.9
11.5
1
13
ns
tPZL
OE
Y
CL = 50 pF
7.9
11.5
1
13
ns
tPHZ
OE
Y
C =50pF
9.5
13.2
1
15
ns
tPLZ
OE
Y
CL = 50 pF
9.5
13.2
1
15
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
3.8
5.5
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.8
5.5
1
6.5
ns
tPZH
OE
Y
C
15 pF
3.6
5.1
1
6
ns
tPZL
OE
Y
CL = 15 pF
3.6
5.1
1
6
ns
tPHZ
OE
Y
C
15 pF
4.6
6.8
1
8
ns
tPLZ
OE
Y
CL = 15 pF
4.6
6.8
1
8
ns
tPLH
A
Y
C
50 pF
5.3
7.5
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.3
7.5
1
8.5
ns
tPZH
OE
Y
C
50 pF
5.1
7.1
1
8
ns
tPZL
OE
Y
CL = 50 pF
5.1
7.1
1
8
ns
tPHZ
OE
Y
C =50pF
6.1
8.8
1
10
ns
tPLZ
OE
Y
CL = 50 pF
6.1
8.8
1
10
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.4
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


同様の部品番号 - SN74AHC125Q_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC125QDR TI-SN74AHC125QDR Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QDRG4Q1 TI1-SN74AHC125QDRG4Q1 Datasheet
252Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QDRG4Q1 TI1-SN74AHC125QDRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC125-Q1 Automotive Quadruple Bus Buffer Gate with 3-State Outputs
REVISED JUNE 2023
SN74AHC125QDRQ1 TI1-SN74AHC125QDRQ1 Datasheet
252Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125QPWR TI-SN74AHC125QPWR Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AHC125Q_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com