データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLYZ022 データシート(PDF) 4 Page - Texas Instruments

部品番号 SLYZ022
部品情報  SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 データシート(HTML) 4 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
SN54AHCT245, SN74AHCT245
SCLS233P – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
Control inputs
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
Control inputs
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±75
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHCT245
SN74AHCT245
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level Input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
Δt/Δv
Input Transition rise and fall rate
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT245 SN74AHCT245


同様の部品番号 - SLYZ022

メーカー部品番号データシート部品情報
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
More results

同様の説明 - SLYZ022

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHCT245 TI-SN54AHCT245_V02 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHCT245 TI-SN54AHCT245_V01 Datasheet
2Mb / 40P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN54AHCT245 TI-SN54AHCT245_V03 Datasheet
3Mb / 42P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com