データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16260DGGRE4 データシート(PDF) 11 Page - Texas Instruments

部品番号 74ALVCH16260DGGRE4
部品情報  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16260DGGRE4 データシート(HTML) 11 Page - Texas Instruments

Back Button 74ALVCH16260DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 12Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 13Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 14Page - Texas Instruments 74ALVCH16260DGGRE4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ALVCH16260DGGR TSSOP
DGG
56
2000
330.0
24.4
8.6
15.6
1.8
12.0
24.0
Q1
SN74ALVCH16260DLR
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


同様の部品番号 - 74ALVCH16260DGGRE4

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH162601DGG PHILIPS-74ALVCH162601DGG Datasheet
90Kb / 20P
   18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH16260DGGRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com