データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH162344VRE4 データシート(PDF) 7 Page - Texas Instruments

部品番号 74ALVCH162344VRE4
部品情報  1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH162344VRE4 データシート(HTML) 7 Page - Texas Instruments

Back Button 74ALVCH162344VRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCH162344VRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH162344
1-BIT TO 4-BIT ADDRESS DRIVER
WITH 3-STATE OUTPUTS
SCES085I – AUGUST 1996 – REVISED OCTOBER 2004
Figure 1. Load Circuit and Voltage Waveforms
7


同様の部品番号 - 74ALVCH162344VRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ALVCH162334DLG4 TI1-74ALVCH162334DLG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRE4 TI1-74ALVCH162334GRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334GRG4 TI1-74ALVCH162334GRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRE4 TI1-74ALVCH162334VRE4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVCH162334VRG4 TI1-74ALVCH162334VRG4 Datasheet
367Kb / 15P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH162344VRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com