データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS63Y504KR10TR500 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TS63Y504KR10TR500
部品情報  Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63Y504KR10TR500 データシート(HTML) 3 Page - Vishay Siliconix

  TS63Y504KR10TR500 Datasheet HTML 1Page - Vishay Siliconix TS63Y504KR10TR500 Datasheet HTML 2Page - Vishay Siliconix TS63Y504KR10TR500 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51011
32
Revision: 05-Aug-04
TS63
Vishay Sfernice
Multi-Turn Surface Mount
Miniature 1/4” Square Cermet Trimmers, Fully Sealed
MARKING
Printed: VISHAY trademark, series, style, ohmic value (in
Ω,
k
Ω, MΩ), tolerance (in %) only if non standard,
manufacturing date, marking of terminal 3.
SOLDERING RECOMMENDATIONS
Soldering cycle: 2 mn at 215°C or 5 seconds at 260°C or with
an IRON 40 W: 3 seconds at 350°C.
Soldering is recommended by reflow and vapor phase.
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
T.C.
–55°C
+125°C
MAX.
POWER
AT 85°C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
W
V
mA
ppm/°C
10
20
50
0.25
1.58
2.23
3.53
158
112
77
0
+ 200
100
200
500
1k
2k
5k
10k
20k
25k
50k
100k
200k
250k
500k
1M
2M
0.25
0.25
0.13
0.06
0.03
5
7.07
11.2
15.8
22.3
35.3
50
70.7
79
112
158
224
250
250
250
250
50
35
22
15.8
11.2
7.1
5
3.5
3.2
2.2
1.6
1.1
1.1
0.50
0.25
0.125
± 100
PACKAGING
– X, Y and Z types : on tape and reel (Dia. 330mm) of 500 pieces, code TR500.
– On request in magazine pack by 50 pieces (Tube) code TU.
ORDERING INFORMATION
TS63
SERIES
Y
STYLE
500K
OHMIC VALUE
± 10%
TOLERANCE
TR500
PACKAGING
TR500: Tape and reel
On request: TU50: Tube
SAP PART NUMBERING GUIDELINES
T
S
6
3
Y
504
K
R
10
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables


同様の部品番号 - TS63Y504KR10TR500

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
100Kb / 5P
   Multi-Turn Surface Mount 1/4 Fully Sealed
Revision: 08-Feb-10
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS63Y504KR10 VISHAY-TS63Y504KR10 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
More results

同様の説明 - TS63Y504KR10TR500

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
   Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 24-Jul-07
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 08-Feb-10
TS6 VISHAY-TS6_17 Datasheet
116Kb / 5P
   Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
   Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
Revision: 26-Jun-07
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com