データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4941 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4941
部品情報  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4941 データシート(HTML) 1 Page - Texas Instruments

  LM4941 Datasheet HTML 1Page - Texas Instruments LM4941 Datasheet HTML 2Page - Texas Instruments LM4941 Datasheet HTML 3Page - Texas Instruments LM4941 Datasheet HTML 4Page - Texas Instruments LM4941 Datasheet HTML 5Page - Texas Instruments LM4941 Datasheet HTML 6Page - Texas Instruments LM4941 Datasheet HTML 7Page - Texas Instruments LM4941 Datasheet HTML 8Page - Texas Instruments LM4941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4941, LM4941SDBD, LM4941TMBD
www.ti.com
SNAS347C – JUNE 2006 – REVISED MAY 2013
LM4941
1.25 Watt Fully Differential Audio Power Amplifier
With RF Suppression and Shutdown
Check for Samples: LM4941, LM4941SDBD, LM4941TMBD
1
FEATURES
DESCRIPTION
The LM4941 is a fully differential audio power
2
Improved RF Suppression, By Up to 20dB
amplifier
primarily
designed
for
demanding
Over Previous Designs in Selected
applications in mobile phones and other portable
Applications
communication device applications. It is capable of
Fully Differential Amplification
delivering 1.25 watts of continuous average power to
a 8
Ω load with less than 1% distortion (THD+N) from
Available in Space-Saving DSBGA Package
a 5VDC power supply. The LM4941 does not require
Ultra Low Current Shutdown Mode
output coupling capacitors or bootstrap capacitors,
Can Drive Capacitive Loads up to 100pF
and therefore is ideally suited for mobile phone and
Improved Pop & Click Circuitry Eliminates
other small form factor applications where minimal
PCB space is a primary requirement.
Noises During Turn-On and Turn-Off
Transitions
The
LM4941
also
features
proprietary
internal
2.4 - 5.5V Operation
circuitry that suppresses the coupling of RF signals
into the chip. This is important because certain types
No Output Coupling Capacitors, Snubber
of RF signals (such as GSM) can couple into audio
Networks or Bootstrap Capacitors Required
amplifiers in such a way that part of the signal is
heard through the speaker. The RF suppression
APPLICATIONS
circuitry in the LM4941 makes it well-suited for
Mobile Phones
portable applications in which strong RF signals
generated by an antenna from or a cellular phone or
PDAs
other portable electronic device may couple audibly
Portable Electronic Devices
into the amplifier.
Other features include a low-power consumption
KEY SPECIFICATIONS
shutdown
mode,
internal
thermal
shutdown
Improved PSRR at 217Hz 95dB (typ)
protection, and advanced pop & click circuitry.
Power Output, VDD = 5.0V, RL = 8Ω, 1% THD+N
1.25W (typ)
Power Output, VDD = 3.0V, RL = 8Ω, 1% THD+N
430mW (typ)
Shutdown Current 0.1µA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM4941

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SDBD TI1-LM4941SDBD Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TMBD TI1-LM4941TMBD Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results

同様の説明 - LM4941

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com