データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4961 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM4961
部品情報  Ceramic Speaker Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 データシート(HTML) 8 Page - Texas Instruments

Back Button LM4961 Datasheet HTML 4Page - Texas Instruments LM4961 Datasheet HTML 5Page - Texas Instruments LM4961 Datasheet HTML 6Page - Texas Instruments LM4961 Datasheet HTML 7Page - Texas Instruments LM4961 Datasheet HTML 8Page - Texas Instruments LM4961 Datasheet HTML 9Page - Texas Instruments LM4961 Datasheet HTML 10Page - Texas Instruments LM4961 Datasheet HTML 11Page - Texas Instruments LM4961 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LM4961, LM4961LQBD
SNAS242K – AUGUST 2004 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
The Audio Amplifier portion of the LM4961 has two internal amplifiers allowing different amplifier configurations.
The first amplifier’s gain is externally configurable, whereas the second amplifier is internally fixed in a unity-gain,
inverting configuration. The closed-loop gain of the first amplifier is set by selecting the ratio of Rf to Ri while the
second amplifier’s gain is fixed by the two internal 20k
Ω resistors. Figure 2 shows that the output of amplifier one
serves as the input to amplifier two. This results in both amplifiers producing signals identical in magnitude, but
out of phase by 180°. Consequently, the differential gain for the Audio Amplifier is
AVD = 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classic single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration. It provides
differential drive to the load, thus doubling the output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions.
The bridge configuration also creates a second advantage over single-ended amplifiers. Since the differential
outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across the load. This eliminates the
need for an output coupling capacitor which is required in a single supply, single-ended amplifier configuration.
Without an output coupling capacitor, the half-supply bias across the load would result in both increased internal
IC power dissipation and also possible loudspeaker damage.
BOOST CONVERTER POWER DISSIPATION
At higher duty cycles, the increased ON-time of the switch FET means the maximum output current will be
determined by power dissipation within the LM4961 FET switch. The switch power dissipation from ON-time
conduction is calculated by Equation 3.
PD(SWITCH) = DC x IIND(AVE)
2 x R
DS(ON)
(2)
where DC is the duty cycle.
There will be some switching losses as well, so some derating needs to be applied when calculating IC power
dissipation.
MAXIMUM AMPLIFIER POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. Since the amplifier portion of the LM4961 has two operational amplifiers,
the maximum internal power dissipation is 4 times that of a single-ended amplifier. The maximum power
dissipation for a given BTL application can be derived from Equation 2.
PDMAX(AMP) = (2VDD
2) / (π2R
L)
(3)
where
RL = Ro1 + Ro2
(4)
MAXIMUM TOTAL POWER DISSIPATION
The total power dissipation for the LM4961 can be calculated by adding Equation 2 and Equation 3 together to
establish Equation 5:
PDMAX(TOTAL) = (2VDD
2) / (π2EFF2R
L)
(5)
where
EFF = Efficiency of boost converter
RL = Ro1 + Ro2
The result from Equation 5 must not be greater than the power dissipation that results from Equation 6:
PDMAX = (TJMAX - TA) / θJA
(6)
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4961 LM4961LQBD


同様の部品番号 - LM4961

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
More results

同様の説明 - LM4961

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com