データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4970 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4970
部品情報  Audio Synchronized Color LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4970 データシート(HTML) 9 Page - Texas Instruments

Back Button LM4970 Datasheet HTML 5Page - Texas Instruments LM4970 Datasheet HTML 6Page - Texas Instruments LM4970 Datasheet HTML 7Page - Texas Instruments LM4970 Datasheet HTML 8Page - Texas Instruments LM4970 Datasheet HTML 9Page - Texas Instruments LM4970 Datasheet HTML 10Page - Texas Instruments LM4970 Datasheet HTML 11Page - Texas Instruments LM4970 Datasheet HTML 12Page - Texas Instruments LM4970 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LM4970
www.ti.com
SNVS312D – JANUARY 2005 – REVISED MAY 2013
Table 4. Frequency Select Register
Default
Data Bit
Bit Name
Condition
Function
Value
Programs the oscillation frequency of the PWM. PWM oscillation frequency is
0
set as follows:
FSO
PWM_FO
0
1
PWM_F<1:0>
PWM Frequency
00
15kHz
0
01
60Hz
FS1
PWM_F1
0
10
7Hz
1
11
4Hz
0
FS2
RSVD
0
RESERVED
1
0
Programs the internal high pass filter cutoff frequency. High pass filter cutoff
FS3
HPF_FO
0
frequency is set as follows:
1
0
HPF_F<1:0>
High Pass Filter Cutoff Frequency
00
3.5kHz
FS4
HPF_F1
1
01
6.3kHz
1
10
6.3kHz
11
8.9kHz
Table 5. Pattern Select Register
Data Bit
Bit Name
Default Value
Condition
Function
Enables LED drivers to be controlled by audio
0
synchronization
PSO
I2C_SEL
0
1
Enables LED drivers to be controlled through I2C
0
Disables the LED1 driver, if I2C_SEL is set
PS1
I2C_LED1
0
1
Enables the LED1 driver, if I2C_SEL is set
0
Disables the LED2 driver, if I2C_SEL is set
PS2
I2C_LED2
0
1
Enables the LED2 driver, if I2C_SEL is set
0
Disables the LED3 driver, if I2C_SEL is set
PS3
I2C_LED3
0
1
Enables the LED3 driver, if I2C_SEL is set
0
RESERVED
PS4
RSVD
0
1
RESERVED
Table 6. Current Select Register
Default
Data Bit
Bit Name
Condition
Function
Value
Programs the current drive of the LED1 driver. Current drive for LED1 is set
0
as follows:
CSO
ILED1_0
0
1
ILED1<1:0>
Current Drive Setting
00
0.66X
0
01
1X
CS1
ILED1_1
1
10
1.33X
1
11
2X
Programs the current drive of the LED2 driver. Current drive for LED2 is set
0
as follows:
CS2
ILED2_0
0
1
ILED2<1:0>
Current Drive Setting
00
0.66X
0
01
1X
CS3
ILED2_1
1
10
1.33X
1
11
2X
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4970


同様の部品番号 - LM4970

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
More results

同様の説明 - LM4970

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
   Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
[Old version datasheet]   Color LED Driver with Audio Synchronizer
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
   Non-Synchronized White LED Driver Evaluation Board
logo
National Semiconductor ...
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
   6-Channel Color LED Driver with Audio Synchronization
logo
Texas Instruments
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
[Old version datasheet]   6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
BP5912B BPS-BP5912B Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com