データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB10J18 データシート(PDF) 2 Page - SUNMATE electronic Co., LTD

部品番号 SMB10J18
部品情報  SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB10J18 データシート(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMB10J18 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB10J18 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMB10J18 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1) Pulse test: t
2 of 3
Notes:
p ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) VF = 3.5 V at IF = 50 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
AT VWM
ID (µA)
www.sunmate.tw
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
SMB10J5.0
6.40
7.82
10
5.0
1000
104.2
9.6
1AD
SMB10J5.0A
1AE
6.40
7.07
10
5.0
1000
108.7
9.2
SMB10J6.0
1AF
6.67
8.15
10
6.0
1000
87.7
11.4
SMB10J6.0A
1AG
6.67
7.37
10
6.0
1000
97.1
10.3
SMB10J6.5
7.22
8.82
10
6.5
500
81.3
12.3
1AH
SMB10J6.5A
1AK
7.22
7.98
10
6.5
500
89.3
11.2
SMB10J7.0
1AL
7.78
9.51
10
7.0
200
75.2
13.3
SMB10J7.0A
1AM
7.78
8.60
10
7.0
200
83.3
12.0
SMB10J7.5
1AN
8.33
10.2
1.0
7.5
100
69.9
14.3
SMB10J7.5A
1AP
8.33
9.21
1.0
7.5
100
77.5
12.9
SMB10J8.0
1AQ
8.89
10.9
1.0
8.0
50
66.7
15.0
SMB10J8.0A
1AR
8.89
9.83
1.0
8.0
50
73.5
13.6
SMB10J8.5
1AS
9.44
11.5
1.0
8.5
20
62.9
15.9
SMB10J8.5A
1AT
9.44
10.4
1.0
8.5
20
69.4
14.4
SMB10J9.0
1AU
10.0
12.2
1.0
9.0
10
59.2
16.9
SMB10J9.0A
1AV
10.0
11.1
1.0
9.0
10
64.9
15.4
SMB10J10
1AW
11.1
13.6
1.0
10
5.0
53.2
18.8
SMB10J10A
1AX
11.1
12.3
1.0
10
5.0
58.8
17.0
SMB10J11
1AY
12.2
14.9
1.0
11
5.0
49.8
20.1
SMB10J11A
1AZ
12.2
13.5
1.0
11
5.0
54.9
18.2
SMB10J12
1BD
13.3
16.3
1.0
12
5.0
45.5
22.0
SMB10J12A
1BE
13.3
14.7
1.0
12
5.0
50.3
19.9
SMB10J13
1BF
14.4
17.6
1.0
13
1.0
42.0
23.8
SMB10J13A
1BG
14.4
15.9
1.0
13
1.0
46.5
21.5
SMB10J14
1BH
15.6
19.1
1.0
14
1.0
38.8
25.8
SMB10J14A
1BK
15.6
17.2
1.0
14
1.0
43.1
23.2
SMB10J15
1BL
16.7
20.4
1.0
15
1.0
37.2
26.9
SMB10J15A
1BM
16.7
18.5
1.0
15
1.0
41.0
24.4
SMB10J16
1BN
17.8
21.8
1.0
16
1.0
34.7
28.8
SMB10J16A
1BP
17.8
19.7
1.0
16
1.0
38.5
26.0
SMB10J17
1BQ
18.9
23.1
1.0
17
1.0
32.8
30.5
SMB10J17A
1BR
18.9
20.9
1.0
17
1.0
36.2
27.6
SMB10J18
1BS
20.0
24.4
1.0
18
1.0
31.1
32.2
SMB10J18A
1BT
20.0
22.1
1.0
18
1.0
34.2
29.2
SMB10J20
1BU
22.2
27.1
1.0
20
1.0
27.9
35.8
SMB10J20A
1BV
22.2
24.5
1.0
20
1.0
30.9
32.4
SMB10J22
1BW
24.4
29.8
1.0
22
1.0
25.4
39.4
SMB10J22A
1BX
24.4
26.9
1.0
22
1.0
28.2
35.5
SMB10J24
1BY
26.7
32.6
1.0
24
1.0
23.3
43.0
SMB10J24A
1BZ
26.7
29.5
1.0
24
1.0
25.7
38.9
SMB10J26
1CD
28.9
35.3
1.0
26
1.0
21.5
46.6
SMB10J26A
1CE
28.9
31.9
1.0
26
1.0
23.8
42.1
SMB10J28
1CF
31.1
38.0
1.0
28
1.0
20.0
50.0
SMB10J28A
1CG
31.1
34.4
1.0
28
1.0
22.0
45.4
SMB10J30
1CH
33.3
40.7
1.0
30
1.0
18.7
53.5
SMB10J30A
1CK
33.3
36.8
1.0
30
1.0
20.7
48.4
SMB10J33
1CL
36.7
44.9
1.0
33
1.0
16.9
59.0
SMB10J33A
1CM
36.7
40.6
1.0
33
1.0
18.8
53.3
SMB10J36
1CN
40.0
48.9
1.0
36
1.0
15.6
64.3
SMB10J36A
1CP
40.0
44.2
1.0
36
1.0
17.2
58.1
SMB10J40
1CQ
44.4
54.3
1.0
40
1.0
14.0
71.4
SMB10J40A
1CR
44.4
49.1
1.0
40
1.0
15.5
64.5
TYPE
Marking


同様の部品番号 - SMB10J18

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMB10J18 VISHAY-SMB10J18 Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB10J18A VISHAY-SMB10J18A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB10J18A VISHAY-SMB10J18A Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMB10J18A VISHAY-SMB10J18A Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
logo
Taiwan Semiconductor Co...
SMB10J18A TSC-SMB10J18A Datasheet
186Kb / 5P
   1000W Surface Mount Transient Voltage Suppressor
More results

同様の説明 - SMB10J18

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com