データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD269LHL データシート(PDF) 1 Page - Jianghai Europe GmbH

部品番号 CD269LHL
部品情報  4 000 - 10 000h at 125째C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGHAI [Jianghai Europe GmbH]
ホームページ  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD269LHL データシート(HTML) 1 Page - Jianghai Europe GmbH

  CD269LHL Datasheet HTML 1Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 2Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 3Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 4Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 5Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 6Page - Jianghai Europe GmbH CD269LHL Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
31
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 269L HL Series
4000 - 10000h at 125°C
· High Reliability at High Temperature
· Automotive
· Professional Long-Life Applications
item
Characteristics
operating Temperature range (°C)
-40 ~ +125
Voltage range (V)
10 ~ 100
Capacitance range (µF)
1 ~ 4700
Capacitance Tolerance (20°C, 120Hz)
± 20%
Leakage Current (µA)
After 1 minute at 20°C application of rated voltage, leakage current is not more than 0,03CV or 4, whichever is greater.
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
10
16
25
35
50
63
100
Tanδ(max)
0,20
0,16
0,14
0,12
0,10
0,09
0,08
When nominal capacitance is more than 1000µF add 0,02 on tanδvalue for each 1000µF more.
Stability at Low Temperature
(impedance ratio at 120Hz)
Rated Voltage (V)
10
16
25
35
50
63
100
Z
-
25°C / Z +20°C
3
2
Z
-
40°C / Z +20°C
6
4
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
Ø 8
Ø 10
Ø ≥ 12,5
: 4000h
: 6000h
: 10000h
≥ 200 000h
Ø 8
Ø 10
Ø ≥ 12,5
: 2000h
: 3000h
: 5000h
Ø 8
Ø 10
Ø ≥ 12,5
: 3000h
: 5000h
: 7000h
1000h
Leakage Current
Not more than specified value
Not more than
specified value
Not more than
specified value
Not more than specified
value
Capacitance Change
Within ± 50% of initial value
Within ± 30% of initial
value
Within ± 30% of initial
value
Within ± 30% of initial
value
Dissipation Factor
Not more than 500% of specified value
Not more than 300%
of specified value
Not more than 300%
of specified value
Not more than 300% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
125°C
≤ 1%
U
R
1,4 x I
R
50°C
≤ 1%
U
R
I
R
125°C
0%
U
R
I
R = 0
125°C
IEC 60384
U
R = 0
I
R = 0
125°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement
Frequency
Capacitance (µF)
50/60Hz 120Hz
1kHz
10kHz 100kHz
1~4,7
0,35
0,42
0,60
0,80
1,00
10~33
0,45
0,55
0,75
0,90
1,00
47~330
0,60
0,70
0,85
0,95
1,00
470~1500
0,65
0,75
0,90
0,98
1,00
2200~4700
0,75
0,80
0,95
1,00
1,00
CD 269 PH
CD 287 GC
125°C
CD 269L HL
CD 11GL GL
longer life
higher voltage
I
A = actual ripple current at 100kHz, IR = rated ripple current at 100kHz, 125°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
60
70
80
90
100
110
120
130
CD 269L HL Series
TA (˚C)
IA
–––
IR
2.5
2.0
1.5
1.0
0.5
0.0
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
Multiplier for Ripple Current
Frequency Coefficient
Multiplier for Lifetime
Lifetime Diagram


同様の部品番号 - CD269LHL

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD269PH JIANGHAI-CD269PH Datasheet
925Kb / 4P
   EC Radial 125째C 4.000h Liftetime High Reliability at High Temperature(Radial)
More results

同様の説明 - CD269LHL

メーカー部品番号データシート部品情報
logo
Jianghai Europe GmbH
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
logo
Exxelia Group
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
   10 000 h / 85°C
Revision 07/16
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
   10 000 h / 85°C
Revision 01/19
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
   10 000 h / 85°C
Revision 04/23
SNAPSIC4P EXXELIA-SNAPSIC4P Datasheet
627Kb / 13P
   10 000 h / 85°C
Revision 01/19
logo
Peregrine Semiconductor
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
   UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com