データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74V245 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74V245
部品情報  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245 データシート(HTML) 4 Page - Texas Instruments

  SN74V245 Datasheet HTML 1Page - Texas Instruments SN74V245 Datasheet HTML 2Page - Texas Instruments SN74V245 Datasheet HTML 3Page - Texas Instruments SN74V245 Datasheet HTML 4Page - Texas Instruments SN74V245 Datasheet HTML 5Page - Texas Instruments SN74V245 Datasheet HTML 6Page - Texas Instruments SN74V245 Datasheet HTML 7Page - Texas Instruments SN74V245 Datasheet HTML 8Page - Texas Instruments SN74V245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
SN74V245-EP
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
28, 29, 31, 32, 34,
36–39, 41, 42, 44,
Q0–Q17
O
Data outputs. Data outputs for an 18-bit bus.
45, 47, 48, 50, 52,
53
Read clock. When REN is low, data is read from the FIFO on a low-to-high transition of
RCLK
61
I
RCLK, if the FIFO is not empty.
Read enable. When REN is low, data is read from the FIFO on every low-to-high transition of
REN
60
I
RCLK. When REN is high, the output register holds the previous data. Data is not read from
the FIFO if EF is low.
Reset. When RS is set low, internal read and write pointers are set to the first location of the
RS
57
I
RAM array, FF and PAF go high, and PAE and EF go low. A reset is required before an
initial write after power up.
Read expansion. In the single-device or width-expansion configuration, RXI, together with FL
and WXI, determines if the mode is standard mode or FWFT mode, as well as whether the
RXI
24
I
PAE/PAF flags are synchronous or asynchronous (see Table 5). In the daisy-chain depth-
expansion configuration, RXI is connected to RXO (read expansion out) of the previous
device.
Last-location-read flag. In the depth-expansion configuration, a pulse is sent from RXO to
RXO
27
O
RXI of the next device when the last location in the FIFO is read.
VCC
22, 33, 43, 49, 56
Supply voltage. +3.3-V power-supply pins.
Write clock. When WEN is low, data is written into the FIFO on a low-to-high transition of
WCLK
19
I
WCLK if the FIFO is not full.
Write enable. When WEN is low, data is written into the FIFO on every low-to-high transition
WEN
20
I
of WCLK. When WEN is high, the FIFO holds the previous data. Data is not written into the
FIFO if FF is low.
Width expansion. In the single-device or width-expansion configuration, WXI, together with
FL and RXI, determines if the mode is standard mode or FWFT mode, as well as whether
WXI
21
I
the PAE/PAF flags are synchronous or asynchronous (see Table 5). In the daisy-chain
depth-expansion configuration, WXI is connected to WXO (write expansion out) of the
previous device.
Half-full flag. In the single-device or width-expansion configuration, the device is more than
WXO/HF
26
O
half full when HF is low. In the depth-expansion configuration, a pulse is sent from WXO to
WXI of the next device when the last location in the FIFO is written.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN74V245-EP


同様の部品番号 - SN74V245

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V245 TI-SN74V245 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245 TI-SN74V245 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74V245

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com