データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74V293-EP データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74V293-EP
部品情報  3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V293-EP データシート(HTML) 1 Page - Texas Instruments

  SN74V293-EP Datasheet HTML 1Page - Texas Instruments SN74V293-EP Datasheet HTML 2Page - Texas Instruments SN74V293-EP Datasheet HTML 3Page - Texas Instruments SN74V293-EP Datasheet HTML 4Page - Texas Instruments SN74V293-EP Datasheet HTML 5Page - Texas Instruments SN74V293-EP Datasheet HTML 6Page - Texas Instruments SN74V293-EP Datasheet HTML 7Page - Texas Instruments SN74V293-EP Datasheet HTML 8Page - Texas Instruments SN74V293-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SN74V263, SN74V273, SN74V283, SN74V293
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Choice of Memory Organizations
– SN74V263 – 8192
× 18/16384 × 9
– SN74V273 – 16384
× 18/32768 × 9
– SN74V283 – 32768
× 18/65536 × 9
– SN74V293 – 65536
× 18/131072 × 9
D 166-MHz Operation
D 6-ns Read/Write Cycle Time
D User-Selectable Input and Output Port Bus
Sizing
×9 in to ×9 out
×9 in to ×18 out
×18 in to ×9 out
×18 in to ×18 out
D Big-Endian/Little-Endian User-Selectable
Byte Representation
D 5-V-Tolerant Inputs
D Fixed, Low First-Word Latency
D Zero-Latency Retransmit
D Master Reset Clears Entire FIFO
D Partial Reset Clears Data, but Retains
Programmable Settings
D Empty, Full, and Half-Full Flags Signal FIFO
Status
D Programmable Almost-Empty and
Almost-Full Flags; Each Flag Can Default to
One of Eight Preselected Offsets
D Selectable Synchronous/Asynchronous
Timing Modes for Almost-Empty and
Almost-Full Flags
D Program Programmable Flags by Either
Serial or Parallel Means
D Select Standard Timing (Using EF and FF
Flags) or First-Word Fall-Through (FWFT)
Timing (Using OR and IR Flags)
D Output Enable Puts Data Outputs in
High-Impedance State
D Easily Expandable in Depth and Width
D Independent Read and Write Clocks Permit
Reading and Writing Simultaneously
D High-Performance Submicron CMOS
Technology
D Glueless Interface With ’C6x DSPs
D Available in 80-Pin Thin Quad Flat Pack
(TQFP) and 100-Pin Ball Grid Array (BGA)
Packages
description
The SN74V263, SN74V273, SN74V283, and SN74V293 are exceptionally deep, high-speed, CMOS first-in
first-out (FIFO) memories with clocked read and write controls and a flexible bus-matching
×9/×18 data flow.
There is flexible
×9/×18 bus matching on both read and write ports.
The period required by the retransmit operation is fixed and short.
The first-word data-latency period, from the time the first word is written to an empty FIFO to the time it can be
read, is fixed and short.
These FIFOs are particularly appropriate for network, video, telecommunications, data communications, and
other applications that need to buffer large amounts of data and match buses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of which can assume either an 18-bit
or 9-bit width, as determined by the state of external control pins’ input width (IW) and output width (OW) during
the master-reset cycle.
The input port is controlled by write-clock (WCLK) and write-enable (WEN) inputs. Data is written into the FIFO
on every rising edge of WCLK when WEN is asserted. The output port is controlled by read-clock (RCLK) and
read-enable (REN) inputs. Data is read from the FIFO on every rising edge of RCLK when REN is asserted.
An output-enable (OE) input is provided for 3-state control of the outputs.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


同様の部品番号 - SN74V293-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V293-EP TI1-SN74V293-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74V293-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com