データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD-155A データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 AD-155A
部品情報  SWITCHING POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AD-155A データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  AD-155A Datasheet HTML 1Page - List of Unclassifed Manufacturers AD-155A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MEAN WELL
SWITCHING POWER SUPPLY
ISO-9001 CERTIFIED
MANUFACTURER
AD-155
SERIES
.LOW COST, HIGH RELIABILITY
.COMPACT SIZE, LIGHT WEIGHT
.105ºC OUTPUT CAPACITOR
.100% FULL LOAD BURN-IN TEST
.INTERNATIONAL AC INPUT RANGE
.BUILT IN EMI FILTER, LOW RIPPLE
NOISE
.HIGH EFFICIENCY, LOW WORKING TEMPERATURE
.SOFT-START CIRCUIT, LIMITING AC SURGE CURRENT
.SHORT CIRCUIT, OVERLOAD, OVER VOLTAGE PROTECTED
MODEL
SPECIFICATION
AD-155A
AD-155B
AD-155C
CH1
CH2
CH1
CH2
CH1
CH2
DC OUTPUT VOLTAGE
13.8V
13.3V
27.6V
27.1V
54V
53.5V
OUTPUT V. TOLERANCE
±2%
----------
±1%
----------
±1%
----------
OUTPUT RATED CURRENT
10.5A
0.5A
5A
0.5A
2.7A
0.2A
OUTPUT CURRENT RANGE
0-11.5A
0-0.5A
0-5.5A
0-0.5A
0-2.7A
0-0.5A
RIPPLE & NOISE
150mVp-p
----------
150mVp-p
----------
240mVp-p
----------
LINE REGULATION
±0.5%
----------
±0.5%
----------
±0.5%
----------
LOAD REGULATION
±0.5%
----------
±0.5%
----------
±0.5%
----------
DC OUTPUT POWER
151.55W
151.55W
156.5W
EFFICIENCY
80%
84%
84%
DC VOLTAGE ADJ.
CH1:12-14.5V
CH1:24-29V
CH1:48-58V
INPUT VOLTAGE RANGE
88~264VAC 47~63Hz; 124~370VDC
AC CURRENT
2.5A/115V 1.5A/230V
INRUSH CURRENT
COLD START 20A/115V 40A/230V
LEAKAGE CURRENT
<1mA/240VAC
OVERLOAD PROTECTION
CH1:105%~135% CH2:0.51~0.9A TYPE:CONSTANT CURRENT LIMITING
RESET:AUTO RECOVERY
OVER VOLTAGE PROTECTION
CH1:115%~135% TYPE:SHUTDOWN
BATTERY LOW PROTECTION
10V±0.8V
19.5V( +1.5V, -1V )
39V±2V
TEMP. COEFFICIENT
±0.03% / ºC (0~50ºC)
SETUP, RISE, HOLD UP TIME
2s, 90ms, 16ms/115VAC 1s, 90ms, 20ms / 230VAC
POWER FACTOR
PF>0.92
VIBRATION
10~500Hz, 2G 10min./1cycle, PERIOD FOR 60min. EACH AXES
WITHSTAND VOLTAGE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
ISOLATION RESISTANCE
I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms
WORKING TEMP., HUMIDITY
-10ºC~+60ºC(REFER TO OUTPUT DERATING CURVE), 20%~90% RH
STORAGE TEMP., HUMIDITY
-20ºC~+85ºC, 10%~95% RH
DIMENSION
199*110*50mm CASE:906
WEIGHT
1Kg
SAFETY STANDARDS
UL1950, TUV EN60950 APPROVED
EMC STANDARDS
CISPR22(EN55022)CLASS B,EN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-3-2,-3
NOTE : 1.ALL PARAMETERS ARE SPECIFIED AT 230VAC INPUT, RATED LOAD, 25ºC 70% RH. AMBIENT.
2.TOLERANCE:INCLUDE SET UP TOLERANCE, LINE REGULATION, LOAD REGULATION.
3.RIPPLE & NOISE ARE MEASURED AT 20MHz BY USING A 12" TWISTED PAIR TERMINATED WITH A 0.1uF & 47uF CAPACITOR.
4.LINE REGULATION IS MEASURED FROM LOW LINE TO HIGH LINE AT RATED LOAD.
5.LOAD REGULATION IS MEASURED FROM 20% TO 100% RATED LOAD, AND OTHER OUTPUT AT 60% RATED LOAD.
6.EACH OUTPUT PROVIDE UP TO MAXIMUM CURRENT, BUT TOTAL LOAD CAN NOT EXCEED MAX. OUTPUT POWER.
2001-08-20


同様の部品番号 - AD-155A

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
AD-155A ASTRODYNE-AD-155A Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155A MEANWELL-AD-155A Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155A MEANWELL-AD-155A Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
More results

同様の説明 - AD-155A

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com