データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS13D28-342 データシート(PDF) 1 Page - Sumida Corporation

部品番号 CAS13D28-342
部品情報  LF Receiver Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMIDA [Sumida Corporation]
ホームページ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAS13D28-342 データシート(HTML) 1 Page - Sumida Corporation

  CAS13D28-342 Datasheet HTML 1Page - Sumida Corporation CAS13D28-342 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 17-Aug-11
LF Receiver Antenna
CAS13D28
1
2
4
3
terminals of Y axis
terminals of Z axis
S
S
7.8
1.0
10.8 min.
10.8+0.3
-0.2
12.0 max.(11.6 typ.)
3.2 max.
1.6 0.2
7.2 0.2
+-
+-
Description
• Compact LF receiver antenna (2D).
• Covered by plastic case
• High Sensitivity and Reliability.
• L
×W×H: 12.0×13.1× 3.2 mm Max.
• Product weight: 0.84g Ref..
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+85℃
• Storage temperature range: -40
℃~+100℃
Packaging
• Carrier Tape and Reel.
• Tape specification according to EIA481.
• 500pcs/reel.
Applications
• PEPS, Smart key system.
• Security system
RoHS
Dimension - [mm]
Suggest PCB layout - [mm]
Schematic diagram
* Please do not arrange the wiring pattern in


同様の部品番号 - CAS13D28-342

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-232 SUMIDA-CAS13D31-232 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-472 SUMIDA-CAS13D31-472 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31-722 SUMIDA-CAS13D31-722 Datasheet
147Kb / 2P
   LF receiver antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
More results

同様の説明 - CAS13D28-342

メーカー部品番号データシート部品情報
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14_11 Datasheet
137Kb / 2P
   LF Receiver Antenna
CAD10D30 SUMIDA-CAD10D30 Datasheet
101Kb / 2P
   LF Receiver Antenna
CAS10D25 SUMIDA-CAS10D25 Datasheet
118Kb / 2P
   LF Receiver Antenna
CAS13D31B SUMIDA-CAS13D31B Datasheet
384Kb / 4P
   LF Receiver Antenna
CAS11D23 SUMIDA-CAS11D23 Datasheet
49Kb / 2P
   LF Receiver Antenna
CAS13D31 SUMIDA-CAS13D31 Datasheet
147Kb / 2P
   LF receiver antenna
CAD10D25 SUMIDA-CAD10D25 Datasheet
119Kb / 2P
   LF Receiver Antenna
CAS16D14 SUMIDA-CAS16D14_11 Datasheet
123Kb / 2P
   LF Receiver Antenna
CAK12D21 SUMIDA-CAK12D21 Datasheet
95Kb / 2P
   LF Receiver Antenna
CAD8D25 SUMIDA-CAD8D25 Datasheet
143Kb / 2P
   LF Receiver Antenna
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com