データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC217 データシート(PDF) 4 Page - Texas Instruments

部品番号 TC217
部品情報  pixel ccd image sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TC217 データシート(HTML) 4 Page - Texas Instruments

  TC217_08 Datasheet HTML 1Page - Texas Instruments TC217_08 Datasheet HTML 2Page - Texas Instruments TC217_08 Datasheet HTML 3Page - Texas Instruments TC217_08 Datasheet HTML 4Page - Texas Instruments TC217_08 Datasheet HTML 5Page - Texas Instruments TC217_08 Datasheet HTML 6Page - Texas Instruments TC217_08 Datasheet HTML 7Page - Texas Instruments TC217_08 Datasheet HTML 8Page - Texas Instruments TC217_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TC217
1158 × 488PIXEL CCD IMAGE SENSOR
SOCS015C − OCTOBER 1989 − REVISED JUNE 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABG†
2
I
Antiblooming gate
ABG†
20
I
Antiblooming gate
ADB
5
I
Supply voltage for amplifier drain bias
AMP GND
9
Amplifier ground
CDB
10
I
Supply voltage for clearing drain bias
IAG†
3
I
Image-area gate
IAG†
19
I
Image-area gate
OUT1
8
O
Output signal 1
OUT2
7
O
Output signal 2
OUT3
6
O
Output signal 3
SAG1
4
I
Storage-area gate
SAG2
17
I
Storage-area gate
SRG1
14
I
Serial-register gate 1
SRG2
15
I
Serial-register gate 2
SRG3
16
I
Serial-register gate 3
SUB†
1
Substrate and clock return
SUB†
11
Substrate and clock return
SUB†
12
Substrate and clock return
SUB†
22
Substrate and clock return
TDB
21
I
Supply voltage for top drain bias
TMG
18
I
Transfer-multiplex gate
TRG
13
I
Transfer gate
† All pins of the same name should be connected together externally (i.e., pin 2 to pin 20,
pin 3 to pin 19, etc.).
detailed description
The TC217 consists of five basic functional blocks: (1) the image-sensing area, (2) the multiplexer block, (3)
the image-storage area with dual field memories, (4) the serial register and transfer gates, and (5) the low-noise
signal-processing amplifier block with charge-detection nodes. The location of each of these blocks is identified
in the functional block diagram.
image-sensing area
Figure 1 and Figure 2 show cross sections with potential well diagrams and top views of image-sensing
elements. As light enters the silicon in the image-sensing area, free electrons are generated and collected in
the potential wells of the sensing elements. During this time, blooming protection is activated by applying a burst
of pulses to the antiblooming gate inputs every horizontal blanking interval. This prevents blooming caused by
the spilling of charge from overexposed elements into neighboring elements. There are 23 full columns and one
half-column of elements at the right edge of the image-sensing area that are shielded from incident light; these
elements provide the dark reference used in subsequent video processing circuits to restore the video black
level. There are also one half-column of light-shielded elements at the left edge of the image-sensing area and
two lines of light-shielded elements at the bottom of the image area immediately above the multiplexer (the latter
prevent charge leakage from the image area into the multiplexer).


同様の部品番号 - TC217_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
More results

同様の説明 - TC217_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC253 TI1-TC253 Datasheet
256Kb / 19P
[Old version datasheet]   680x500 PIXEL CCD IMAGE SENSOR
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com