データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93AA46AE48TI データシート(PDF) 11 Page - Microchip Technology

部品番号 93AA46AE48TI
部品情報  1K Microwire Serial EEPROM with EUI-48??Node Identity
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46AE48TI データシート(HTML) 11 Page - Microchip Technology

Back Button 93AA46AE48TI Datasheet HTML 7Page - Microchip Technology 93AA46AE48TI Datasheet HTML 8Page - Microchip Technology 93AA46AE48TI Datasheet HTML 9Page - Microchip Technology 93AA46AE48TI Datasheet HTML 10Page - Microchip Technology 93AA46AE48TI Datasheet HTML 11Page - Microchip Technology 93AA46AE48TI Datasheet HTML 12Page - Microchip Technology 93AA46AE48TI Datasheet HTML 13Page - Microchip Technology 93AA46AE48TI Datasheet HTML 14Page - Microchip Technology 93AA46AE48TI Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2013-2016 Microchip Technology Inc.
DS20005229C-page 11
93AA46AE48
3.0
PRE-PROGRAMMED EUI-48
NODE ADDRESS
The 93AA46AE48 is programmed at the factory with a
globally unique node address stored at the beginning of
the array. It is preceded by the EEPROM Programmed
Indicator (EPI), which indicates valid programming.
The 93AA46AE48 is designed to be compatible with
the following SMSC Ethernet controllers: LAN9210,
LAN9211, LAN9215, LAN9217, LAN9218, LAN9220,
and LAN9221. These controllers will automatically
detect and load the EUI-48 node address from the
93AA46AE48 at start-up.
3.1
EUI-48 Node Address
The 6-byte EUI-48 node address value of the
93AA46AE48 is stored in array locations 0x01 through
0x06, as shown in Figure 3-1. The first three bytes are
the Organizationally Unique Identifier (OUI) assigned
to Microchip by the IEEE Registration Authority. The
remaining three bytes are the Extension Identifier, and
are generated by Microchip to ensure a globally
unique, 48-bit value.
3.1.1
EUI-64 SUPPORT USING THE
93AA46AE48
The pre-programmed EUI-48 node address of the
93AA46AE48 can easily be encapsulated at the
application level to form a globally unique, 64-bit node
address for systems utilizing the EUI-64 standard. This
is done by adding 0xFFFE between the OUI and the
Extension Identifier as shown below.
3.2
EEPROM Programmed Indicator
(EPI)
In addition to the node address, a programmed
indicator code is stored at the location 0x00. The code
is fixed as 0xA5. Its purpose is to let the master device
know that the EEPROM has been programmed with a
valid MAC address.
FIGURE 3-1:
EUI-48 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE
Note:
Currently,
Microchip’s
OUIs
are
0x0004A3, 0x001EC0, 0xD88039 and
0x5410EC, though this will change as
addresses are exhausted.
Note:
The pre-programmed values are not
write-protected and can be overwritten by
the user. Care must be taken not to
overwrite the values unintentionally.
Description
Data
Array
Address
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
Corresponding EUI-48Node Address:
00-04-A3-12-34-56
Corresponding EUI-64Node Address After Encapsulation:
00-04-A3-FF-FE-12-34-56
A5h
00h
04h
A3h
12h
34h
56h
00h
01h
02h
03h
04h
05h
06h
EPI


同様の部品番号 - 93AA46AE48TI

メーカー部品番号データシート部品情報
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93AA46A MICROCHIP-93AA46A Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93AA46A MICROCHIP-93AA46A Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
More results

同様の説明 - 93AA46AE48TI

メーカー部品番号データシート部品情報
logo
Microchip Technology
24AA02E48 MICROCHIP-24AA02E48 Datasheet
274Kb / 18P
   2K I2C??Serial EEPROM with EUI-48??Node Identity
2009
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
   2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
   2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
   2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
   2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
   2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
   2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com