データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMB5338B データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SMB5338B
部品情報  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB5338B データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMB5338B Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB5338B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMB5333B - SMB5388B
POWER: 5.0Wa t t s
VOLTAGE RANGE: 3.3 - 200V
1 of 2
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Lead formed for Surface mount
Epoxy : UL94V-O rate flame retardant
Case : SMB (DO-214AA) Molded plastic
Low leakage current
High reliability
High peak reverse power dissipation
Complete Voltage Range 3.3 to 200 Volts
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
Mechanical Data
Rating
Symbol
Value
Unit
Power Dissipation at TL = 25 °C
PD
5W
Maximum Forward Voltage at IF = 1.0 A
VF
1.2
V
Thermal Resistance, Junction to Ambient (Note 1)
RӨJA
90
°C/W
Thermal Resistance, Junction to Lead (Note 1)
RӨJL
25
°C/W
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
°C
Note :
(1) When mounted on FR4 PC board (1 oz Cu) with recommended footprint.
www.sunmate.tw
SURFACE MOUNT SILICON ZENER DIODES
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
!
!
!
!
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J


同様の部品番号 - SMB5338B

メーカー部品番号データシート部品情報
logo
Jiangsu High diode Semi...
SMB5338B HDSEMI-SMB5338B Datasheet
1Mb / 5P
   SMBK Plastic-Encapsulate Diodes
logo
Anova Technologies CO.,...
SMB5338B ANOVA-SMB5338B Datasheet
246Kb / 4P
   Surface Mount Zener Diodes
More results

同様の説明 - SMB5338B

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com