データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C552FNG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C552FNG4
部品情報  DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C552FNG4 データシート(HTML) 5 Page - Texas Instruments

  TL16C552FNG4 Datasheet HTML 1Page - Texas Instruments TL16C552FNG4 Datasheet HTML 2Page - Texas Instruments TL16C552FNG4 Datasheet HTML 3Page - Texas Instruments TL16C552FNG4 Datasheet HTML 4Page - Texas Instruments TL16C552FNG4 Datasheet HTML 5Page - Texas Instruments TL16C552FNG4 Datasheet HTML 6Page - Texas Instruments TL16C552FNG4 Datasheet HTML 7Page - Texas Instruments TL16C552FNG4 Datasheet HTML 8Page - Texas Instruments TL16C552FNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TL16C552
DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS102B − DECEMBER 1990 − REVISED MARCH 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
STB
55
I/O
Printer strobe. STB is an open-drain line that provides communication between the TL16C552 and the
printer. When it is active (low), it provides the printer with a signal to latch the data currently on the
parallel port. This terminal has an internal pullup resistor to VDD of approximately 10 kΩ.
TRI
2
I
3-state control. TRI controls the 3-state control of all I/O and output terminals. When TRI is asserted,
all I/O and outputs become high impedance, allowing board level testers to drive the outputs without
overdriving the internal buffers. This terminal is level sensitive, is a CMOS input, and is pulled down
with an internal resistor that is approximately 5 k
Ω.
TXRDY0,
TXRDY1
22, 42
O
Transmitter ready. TXRDY0 and TXRDY1 are transmitter ready signals. Two types of DMA signaling
are available. Either can be selected using FCR3 when operating in the FIFO mode. Only DMA mode
0 is allowed when operating in the TL16C450 mode. Single-transfer DMA (a transfer is made between
CPU bus cycles) is supported by mode 0. Multiple transfers that are made continuously until the
transmitter FIFO has been filled are supported by mode 1.
Mode 0. When in the FIFO mode (FCR0=1, FCR3=0) or in the TL16C450 mode (FCR0=0) and there
are no characters in the transmitter holding register or transmitter FIFO, TXRDY are active (low). Once
TXRDY is activated (low), it goes inactive after the first character is loaded into the holding register of
transmitter FIFO.
Mode 1. TXRDYx goes active (low) if in the FIFO mode (FCR0=1) when FCR3=1 and there are no
characters in the transmitter FIFO. When the transmitter FIFO is completely full, TXRDYx goes inactive
(high).
VDD
23, 40, 64
Power supply. VDD is the power supply requirement is 5 V ± 5%.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
−0.5 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−10
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage levels are with respect to ground (VSS).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
Clock high-level input voltage, VIH(CLK)
2
VDD
V
Clock low-level input voltage, VIL(CLK)
− 0.5
0.8
V
High-level input voltage, VIH
2
VDD
V
Low-level input voltage, VIL
− 0.5
0.8
V
Clock frequency, fclock
8
MHz
Operating free-air temperature range, TA
0
70
°C


同様の部品番号 - TL16C552FNG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C552FN TI-TL16C552FN Datasheet
455Kb / 33P
[Old version datasheet]   DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

同様の説明 - TL16C552FNG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C552 TI-TL16C552 Datasheet
455Kb / 33P
[Old version datasheet]   DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com