データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1454ACPW データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1454ACPW
部品情報  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454ACPW データシート(HTML) 6 Page - Texas Instruments

Back Button TL1454ACPW Datasheet HTML 2Page - Texas Instruments TL1454ACPW Datasheet HTML 3Page - Texas Instruments TL1454ACPW Datasheet HTML 4Page - Texas Instruments TL1454ACPW Datasheet HTML 5Page - Texas Instruments TL1454ACPW Datasheet HTML 6Page - Texas Instruments TL1454ACPW Datasheet HTML 7Page - Texas Instruments TL1454ACPW Datasheet HTML 8Page - Texas Instruments TL1454ACPW Datasheet HTML 9Page - Texas Instruments TL1454ACPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TL1454A, TL1454AY
DUALCHANNEL PULSEWIDTHMODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A− MAY 2002 − REVISED SEPTEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dead-time control (DTC) and soft start
The two PWM channels have independent dead-time control inputs so that the maximum power-switch duty
cycles can be limited to less then 100%. The dead-time is set with a voltage applied to DTC; the voltage is
typically obtained from a resistive divider connected between the reference and ground as shown in Figure 4.
Soft start is implemented by adding a capacitor between REF and DTC.
The voltage, VDT, required to limit the duty cycle to a maximum value is given by:
V
DT +
V
O(max) *
D V
O(max) *
V
O(min) *
0.65
where VO(max) and VO(min) are obtained from Figure 9, and D is the maximum duty cycle.
Predicting the regulator startup or rise time is complicated because it depends on many variables, including:
input voltage, output voltage, filter values, converter topology, and operating frequency. In general, the output
will be in regulation within two time constants of the soft-start circuit. A five-to-ten millisecond time constant
usually works well for low-power converters.
The DTC input can be grounded in applications where achieving a 100% duty cycle is desirable, such as a buck
converter with a very low input-to-output differential voltage. However, grounding DTC prevents the
implementation of soft start, and the output voltage overshoot at power-on is likely to be very large. A better
arrangement is to omit RDT1 (see Figure 4) and choose RDT2 = 47 kΩ. This configuration ensures that the duty
cycle can reach 100% and still allows the designer to implement soft start using CSS.
CSS
REF
TL1454A
RDT1
DTC
RDT2
16
Figure 4. Dead-Time Control and Soft Start
PWM comparator
Each of the PWM comparators has dual inverting inputs. One inverting input is connected to the output of the
error amplifier; the other inverting input is connected to the DTC terminal. Under normal operating conditions,
when either the error-amplifier output or the dead-time control voltage is higher than that for the PWM triangle
wave, the output stage is set inactive (OUT1 low and OUT2 high), turning the external power stage off.
undervoltage-lockout (UVLO) protection
The undervoltage-lockout circuit turns the output circuit off and resets the SCP latch whenever the supply
voltage drops too low (to approximately 2.9 V) for proper operation. A hysteresis voltage of 200 mV eliminates
false triggering on noise and chattering.
short-circuit protection (SCP)
The TL1454A SCP function prevents damage to the power switches when the converter output is shorted to
ground. In normal operation, SCP comparator 1 clamps SCP to approximately 185 mV. When one of the
converter outputs is shorted, the error amplifier output (COMP) will be driven below 1 V to maximize duty cycle
and force the converter output back up. When the error amplifier output drops below 1 V, SCP comparator 1
releases SCP, and capacitor, CSCP, which is connected between SCP and GND, begins charging. If the
error-amplifier output rises above 1 V before CSCP is charged to 1 V, SCP comparator 1 discharges CSCP and
normal operation resumes. If CSCP reaches 1 V, SCP comparator 2 turns on and sets the SCP latch, which turns
off the output drives and resets the soft-start circuit. The latch remains set until the supply voltage is lowered
to 2 V or less, or CSCP is discharged externally.


同様の部品番号 - TL1454ACPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1454ACPW TI-TL1454ACPW Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454ACPWR TI-TL1454ACPWR Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

同様の説明 - TL1454ACPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com