データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1431QLP データシート(PDF) 1 Page - Texas Instruments

部品番号 TL1431QLP
部品情報  PRECISION PROGRAMMABLE REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431QLP データシート(HTML) 1 Page - Texas Instruments

  TL1431QLP Datasheet HTML 1Page - Texas Instruments TL1431QLP Datasheet HTML 2Page - Texas Instruments TL1431QLP Datasheet HTML 3Page - Texas Instruments TL1431QLP Datasheet HTML 4Page - Texas Instruments TL1431QLP Datasheet HTML 5Page - Texas Instruments TL1431QLP Datasheet HTML 6Page - Texas Instruments TL1431QLP Datasheet HTML 7Page - Texas Instruments TL1431QLP Datasheet HTML 8Page - Texas Instruments TL1431QLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LP PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
NC
NC
ANODE
NC
NC
NC
NC
NC
NC
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
D PACKAGE
(TOP VIEW)
NC – No internal connection
ANODE terminals are connected internally
.
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
JG OR PW PACKAGE
(TOP VIEW)
NC – No internal connection
KTP PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
TL1431
www.ti.com
SLVS062M – DECEMBER 1991 – REVISED APRIL 2012
PRECISION PROGRAMMABLE REFERENCE
Check for Samples: TL1431
1
FEATURES
2
0.4% Initial Voltage Tolerance
Sink Current Capability…1 mA to 100 mA
0.2-
Ω Typical Output Impedance
Low Reference Current (REF)
Fast Turnon…500 ns
Adjustable Output Voltage…VI(ref) to 36 V
DESCRIPTION/ORDERING INFORMATION
The TL1431 is a precision programmable reference with specified thermal stability over automotive, commercial,
and military temperature ranges. The output voltage can be set to any value between VI(ref) (approximately 2.5 V)
and 36 V with two external resistors (see Figure 16). This device has a typical output impedance of 0.2
Ω. Active
output circuitry provides a very sharp turnon characteristic, making the device an excellent replacement for Zener
diodes and other types of references in applications such as onboard regulation, adjustable power supplies, and
switching power supplies.
The TL1431C is characterized for operation over the commercial temperature range of 0°C to 70°C. The
TL1431Q is characterized for operation over the full automotive temperature range of –40°C to 125°C. The
TL1431M is characterized for operation over the full military temperature range of –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1991–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TL1431QLP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1431QLP TI-TL1431QLP Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLP TI-TL1431QLP Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLP TI-TL1431QLP Datasheet
578Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLP TI-TL1431QLP Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431QLP TI1-TL1431QLP Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

同様の説明 - TL1431QLP

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com