データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ20501 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ20501
部品情報  1.0 A SIMPLE SWITCHER짰 Nano Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ20501 データシート(HTML) 8 Page - Texas Instruments

Back Button LMZ20501 Datasheet HTML 4Page - Texas Instruments LMZ20501 Datasheet HTML 5Page - Texas Instruments LMZ20501 Datasheet HTML 6Page - Texas Instruments LMZ20501 Datasheet HTML 7Page - Texas Instruments LMZ20501 Datasheet HTML 8Page - Texas Instruments LMZ20501 Datasheet HTML 9Page - Texas Instruments LMZ20501 Datasheet HTML 10Page - Texas Instruments LMZ20501 Datasheet HTML 11Page - Texas Instruments LMZ20501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
D005
-40°C
27°C
90°C
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
0.3
0.35
0.4
0.45
0.5
0.55
0.6
D006
-40°C
27°C
90°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1
D003
Rising
Falling
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1
D004
Rising
Falling
Temperature (°C)
-40
-20
0
20
40
60
80
100
1.76
1.77
1.78
1.79
1.8
1.81
1.82
D001
Iout = 0 A
Iout = 1 A
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
D002
-40°C
27°C
90°C
LMZ20501
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
www.ti.com
7.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 3.6 V, TA = 25°C.
VIN = 3.6 V
PWM Mode
VOUT = 1.8 V
VIN = 3.6 V
IOUT = 0 A
PWM Mode
Figure 1. Typical Output Voltage vs Temperature
Figure 2. Switching Frequency in PWM Mode
VIN = 3.6 V
VIN = 3.6 V
Figure 3. EN Input Thresholds
Figure 4. MODE Input Thresholds
VFB = 0.8 V
AUTO Mode
VFB = 0.8 V
PWM Mode
Figure 5. Non-Switching Input Current in AUTO Mode
Figure 6. Non-Switching Input Current in PWM Mode
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20501


同様の部品番号 - LMZ20501

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
More results

同様の説明 - LMZ20501

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com