データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ20501SILR データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ20501SILR
部品情報  1.0 A SIMPLE SWITCHER짰 Nano Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ20501SILR データシート(HTML) 10 Page - Texas Instruments

Back Button LMZ20501SILR Datasheet HTML 6Page - Texas Instruments LMZ20501SILR Datasheet HTML 7Page - Texas Instruments LMZ20501SILR Datasheet HTML 8Page - Texas Instruments LMZ20501SILR Datasheet HTML 9Page - Texas Instruments LMZ20501SILR Datasheet HTML 10Page - Texas Instruments LMZ20501SILR Datasheet HTML 11Page - Texas Instruments LMZ20501SILR Datasheet HTML 12Page - Texas Instruments LMZ20501SILR Datasheet HTML 13Page - Texas Instruments LMZ20501SILR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
INDUCTOR
EMBEDDED
REGULATOR
DIE
SUBSTRATE
PCB
Copper Clad
Via
LMZ20501
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
Figure 7. Package Photo
Figure 8. Package Side View Drawing
8.3.2 Internal Synchronous Rectifier
The LMZ20501 uses an internal NMOS FET as a synchronous rectifier to minimize switch voltage drop and
increase efficiency. The NMOS is designed to conduct through its body diode during switch dead time. This dead
time is imposed to prevent supply current "shoot-through".
8.3.3 Current Limit Protection
The LMZ20501 incorporates cycle-by-cycle peak current limit on both the high and low side MOSFETs. This
feature limits the output current in case the output is overloaded. During the overload, the peak inductor current
is limited to that value found in the Electrical Characteristics table under the heading of "ILIM".
In addition to current limit, a short circuit protection mode is also implemented. When the feedback voltage is
brought down to less than 300 mV, but greater than 150 mV, by a short circuit, the synchronous rectifier is turned
off. This provides more voltage across the inductor to help maintain the required volt-second balance. If a
"harder" short brings the feedback voltage to below 150 mV, the current limit and switching frequency are both
reduced to about ½ of the nominal values. In addition, when the current limit is tripped, the device stops
switching for about 85 µs. At the end of the time-out, switching resumes and the cycle repeats until the short is
removed.
The effect of both overload and short circuit protection can be seen in Figure 9. This graph demonstrates that the
device will supply slightly more than 1 A to the load when in overload and much less current during fold-back
mode. This is typical behavior for any regulator with this type of current limit protection.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20501


同様の部品番号 - LMZ20501SILR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
More results

同様の説明 - LMZ20501SILR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com