データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU16-4021R5BL データシート(PDF) 4 Page - Coilcraft lnc.

部品番号 BU16-4021R5BL
部品情報  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU16-4021R5BL データシート(HTML) 4 Page - Coilcraft lnc.

  BU16-4021R5BL Datasheet HTML 1Page - Coilcraft lnc. BU16-4021R5BL Datasheet HTML 2Page - Coilcraft lnc. BU16-4021R5BL Datasheet HTML 3Page - Coilcraft lnc. BU16-4021R5BL Datasheet HTML 4Page - Coilcraft lnc. BU16-4021R5BL Datasheet HTML 5Page - Coilcraft lnc. BU16-4021R5BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-4
Document 260-4 Revised 08/06/13
Common Mode Chokes - BU10 Series
Frequency range
Inductance2
Inductance difference
Impedance max
@ 75% of
DCR1
Current
L1,L2
L1 - L2
Part number
(kOhms)
impedance max
(Ohms)
max (Aac)
min (mH)
max (µH)
BU10-1811R2BL
3.9 @ 1.8 MHz
1000 – 3200 kHz
0.20
1.20
0.18
30
BU10-1311R6BL
2.2 @ 2.2 MHz
800 – 2000 kHz
0.12
1.60
0.13
20
BU10-1012R2BL
1.6 @ 3.1 MHz
1300 – 8900 kHz
0.08
2.20
0.10
15
BU10-6003R0BL
1.0 @ 3.0 MHz
800 – 10000 kHz
0.04
3.00
0.06
10
Typical Attenuation
Typical Impedance
0.75
19,0
max
0.51 ±0.02
13,0 ±0,5
0.177 ±0.04
4,5 ±1,0
0.394 ±0.02
10,0 ±0,5
max
0.89
22,5
max
0.67
17,0
0.028
0,7
3
3
2
2
2
4
4
4
1
1
1
1
2
1
3
4
Dot
indicates
pin 1
0.394 ±0.02
10,0 ±0,5
0.047
1,2
0.51 ±0.02
13,0 ±0,5
Recommended
Board Layout
1. DCR is per winding
2. Inductance tested at 1 kHz, 1Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. 1000Vrms typical isolation between windings.
4. Electrical specifications at 25°C.


同様の部品番号 - BU16-4021R5BL

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
BU16-005 FRONTIER-BU16-005 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-01 FRONTIER-BU16-01 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-02 FRONTIER-BU16-02 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-04 FRONTIER-BU16-04 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU16-06 FRONTIER-BU16-06 Datasheet
121Kb / 2P
   16A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

同様の説明 - BU16-4021R5BL

メーカー部品番号データシート部品情報
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com