データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23157 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23157
部品情報  SPDT ANALOG SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157 データシート(HTML) 9 Page - Texas Instruments

Back Button TS5A23157 Datasheet HTML 5Page - Texas Instruments TS5A23157 Datasheet HTML 6Page - Texas Instruments TS5A23157 Datasheet HTML 7Page - Texas Instruments TS5A23157 Datasheet HTML 8Page - Texas Instruments TS5A23157 Datasheet HTML 9Page - Texas Instruments TS5A23157 Datasheet HTML 10Page - Texas Instruments TS5A23157 Datasheet HTML 11Page - Texas Instruments TS5A23157 Datasheet HTML 12Page - Texas Instruments TS5A23157 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TS5A23157
10 W SPDT ANALOG SWITCH
SCDS165 − MAY 2004
www.ti.com
9
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
IN1
Digital control pin to connect the COM terminal to the NO or NC terminals
2
NO1
Normally-open terminal
3
GND
Digital ground
4
NO2
Normally-open terminal
5
IN2
Digital control pin to connect the COM terminal to the NO or NC terminals
6
COM2
Common terminal
7
NC2
Normally-closed terminal
8
V+
Power supply
9
NC1
Normally-closed terminal
10
COM1
Common terminal
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at the COM pin
VNC
Voltage at the NC pin
VNO
Voltage at the NO pin
ron
Resistance between COM and NC or COM and NO ports when the channel is ON
∆ron
Difference of ron between channels
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under worst-case
input and output conditions.
INO(OFF)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under worst-case
input and output conditions
INC(ON)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output
(COM) being open
INO(ON)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output
(COM) being open
ICOM(ON)
Leakage current measured at the COM port, with the corresponding channel (NO to COM or NC to COM) in the ON state
and the output (NC or NO) being open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Minimum input voltage for logic low for the control input (IN)
VIN
Voltage at the IN pin
IIH, IIL
Leakage current measured at the IN pin
tON
Turnon time for the switch. This parameter is measured under the specified range of conditions and by the propagation
delay between the digital control (IN) signal and analog outputs (COM/NC/NO) signal when the switch is turning ON.
tOFF
Turnoff time for the switch. This parameter is measured under the specified range of conditions and by the propagation
delay between the digital control (IN) signal and analog outputs (COM/NC/NO) signal when the switch is turning OFF.
tBBM
Break-before-make time. This parameter is measured under the specified range of conditions and by the propagation delay
between the output of two adjacent analog channels (NC and NO) when the control signal changes state.
QC
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or COM)
output. This is measured in coulombs (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ∆VO, CL is the load capacitance and ∆VO is the change in analog output voltage.


同様の部品番号 - TS5A23157

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23157 TI-TS5A23157 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

同様の説明 - TS5A23157

メーカー部品番号データシート部品情報
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
   SPDT Analog Switch
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM44603 SGMICRO-SGM44603 Datasheet
357Kb / 12P
   SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157_15 Datasheet
198Kb / 7P
   SPDT Analog Switch
logo
Texas Instruments
TS5A3160 TI1-TS5A3160_15 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
TS5A3157DCKRG4 TI1-TS5A3157DCKRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com