データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS1040HE-AU データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SS1040HE-AU
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1040HE-AU データシート(HTML) 1 Page - Pan Jit International Inc.

  SS1040HE-AU Datasheet HTML 1Page - Pan Jit International Inc. SS1040HE-AU Datasheet HTML 2Page - Pan Jit International Inc. SS1040HE-AU Datasheet HTML 3Page - Pan Jit International Inc. SS1040HE-AU Datasheet HTML 4Page - Pan Jit International Inc. SS1040HE-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 20,2016-REV.05
SS1040HE-AU SERIES
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
40-150Volt
1 Ampere
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-123HE, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0006 ounces, 0.0184 grams
• Polarity: Color band denotes cathode end
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
O
C unless otherwise noted)
NOTES:
1.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
2.Mounted on a FR4 PCB, single-sided copper, mini pad.
PAR A M E TE R
S Y M B O L
S S1 040HE - A U
S S 101 50HE - A U
UNI TS
M a r k i ng C ode
EM
ERL
M a xi mum R e cur r ent P eak R e ve r s e Vo l t age
V
RRM
40
150
V
M a xi mum R M S Vo lt a g e
V
RM S
28
105
V
M a xi mum D C B l o c k i ng Vo lt a g e
V
R
40
150
V
M a xi mum A ver age For w ar d C ur r ent
I
O
1A
P eak For w ar d S ur ge C ur r ent : 8. 3ms si ng l e ha l f si ne - w ave
s up eri mp os e d on r a te d l o a d
I
FSM
30
A
M a xi mum For w ar d Vo l t age a t 1A
V
F
0. 55
0. 85
V
M a xi mum D C R e ve r s e Current
I
R
30
μA
Ty pi cal Junc t i on c apaci t ance a t VR=0 V, f = 1 M HZ
C
J
155
85
pF
Ty pi cal Ther m a l R e si st ance, Junc t i on t o A m bi ent
( Not e 2)
J unc tio n to C a s e
(No t e 1 )
R
Θ JA
R
Θ JC
185
20
O C/ W
O per at i ng Junc t i on Te mper at ur e and S t or age Te m per at ur e R a ng e
T
J ,T ST G
- 55 t o + 150
O C
0.114(2.90)
0.106(2.70)
0.012(0.30)
0.007(0.20)
0.154(3.90)
0.137(3.50)
0.091(2.30)
0.074(1.90)
0.048(1.20)
0.031(0.80)
0.040(1.00)
0.031(0.80)


同様の部品番号 - SS1040HE-AU

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SS1040HE-AU PANJIT-SS1040HE-AU_17 Datasheet
275Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R1_000A1 PANJIT-SS1040HE-AU_R1_000A1 Datasheet
275Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040HE-AU_R2_000A1 PANJIT-SS1040HE-AU_R2_000A1 Datasheet
275Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SS1040HE-AU

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com