データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1548 データシート(PDF) 2 Page - Texas Instruments

部品番号 UC1548
部品情報  Primary Side PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1548 データシート(HTML) 2 Page - Texas Instruments

  UC1548_08 Datasheet HTML 1Page - Texas Instruments UC1548_08 Datasheet HTML 2Page - Texas Instruments UC1548_08 Datasheet HTML 3Page - Texas Instruments UC1548_08 Datasheet HTML 4Page - Texas Instruments UC1548_08 Datasheet HTML 5Page - Texas Instruments UC1548_08 Datasheet HTML 6Page - Texas Instruments UC1548_08 Datasheet HTML 7Page - Texas Instruments UC1548_08 Datasheet HTML 8Page - Texas Instruments UC1548_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ELECTRICAL CHARACTERISTICS Unless otherwise stated, all specifications are over the junction temperature range of
−55°C to +125°C for the UC1548, −40°C to +85°C for the UC2548, and 0°C to +70°C for the UC3548. Test conditions are: VCC =
12V, CT = 400pF, CI = 100pF, IOFF = 100
µA, CDC = 100nF, Cvs = 100pF, and Ivs = 400µA, TA = TJ.
UC1548
UC2548
UC3548
Supply Voltage (Pin 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22V
Output Current, Source or Sink (Pin 14)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5
µs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2A
Power Ground to Ground (Pin 1 to Pin 13) . . . . . . . . . . .
±0.2V
Analog Input Voltages
(Pins 3, 4, 7, 8, 12, 16) . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Analog Input Currents, Source or Sink
(Pins 3, 4, 7, 8, 11, 12, 16) . . . . . . . . . . . . . . . . . . . . . . 1mA
Analog Output Currents, Source or Sink (Pins 5 & 10) . . . 5mA
Power Dissipation at TA = 60
°C . . . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature Range
. . . . . . . . . . . . . . . −65°C to +150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . +300
°C
CONNECTION DIAGRAMS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Real Time Current Waveform Synthesizer
Ion Amplifier
Offset Voltage
0.95
1
1.05
V
Slew Rate (Note 1)
20
25
V/
µs
lib
-2
-20
µA
IOFF Current Mirror
Input Voltage
0.95
1
1.05
V
Current Gain
0.911.1
A/A
Current Error Amplifier
AVOL
60
100
dB
Vio
12V
≤ VCC ≤ 20V, 0V ≤ VCM ≤ 5V
10
mV
lib
-0.5
-3
µA
Voh
IO =
−200µA
3.1
3.3
3.5
V
Vol
IO = 200
µA0.3
0.6
V
Source Current
VO = 1V
1.4
1.6
2.0
mA
GBW Product
f = 200kHz
5
8
MHz
Slew Rate (Note 1)
810
V/
µs
Oscillator
Frequency
TA = 25
°C
240
250
260
kHz
235
265
kHz
Notes: All voltages are with respect to ground (DIL and SOIC
pin 1). Currents are positive into the specified terminal.
Pin numbers refer to the 16 pin DIL and SOIC packages.
Consult Packaging Section of Databook for thermal
limitations and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
PLCC-20 & LCC-20 (Top View)
Q & L Packages
DIL-16, SOIC-16 (Top View)
J, N, or DW Packages
2


同様の部品番号 - UC1548_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
More results

同様の説明 - UC1548_08

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com