データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1726 データシート(PDF) 3 Page - Texas Instruments

部品番号 UC1726
部品情報  Isolated Drive Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1726 データシート(HTML) 3 Page - Texas Instruments

  UC1726 Datasheet HTML 1Page - Texas Instruments UC1726 Datasheet HTML 2Page - Texas Instruments UC1726 Datasheet HTML 3Page - Texas Instruments UC1726 Datasheet HTML 4Page - Texas Instruments UC1726 Datasheet HTML 5Page - Texas Instruments UC1726 Datasheet HTML 6Page - Texas Instruments UC1726 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UC1726
UC2726
UC3726
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Retriggerable one shot
Initial Accuracy
TJ = 25
°C
1.400
1.600
1.800
µsec
Temperature Stability
Over operating TJ
1.000
2.200
µsec
Voltage Stability
VCC = 10 to 35V
0.2
%/V
Operating Frequency
LLOAD = 1.5mH
170
kHz
PHI Input (Control Input)
HIGH Input Voltage
2.0
V
LOW Input Voltage
0.8
V
HIGH Input Current
10
µA
LOW Input Current
-300
−600
µA
Delay to one shot
100
250
nsec
Delay to Output
CT = 1.4V
250
nsec
Output Drivers
Output Low Level
ISINK = 20mA
0.3
0.5
V
ISINK = 400mA
0.5
2.6
V
Output High Level
ISOURCE =
−20mA
2.0
2.6
V
(volts below VCC)ISOURCE =
−400mA
2.0
2.9
V
Rise and Fall Times
No load
30
60
nsec
Logic Voltage Reference
VL - Logic Voltage
Internal Voltage
4.20
4.40
4.60
V
Logic Supply Current
VL = 4.75V to 5.25V, CT = 1.4V
13.0
20.0
mA
Shut Down Circuit
Logic Voltage - Off
0.5
V
High Input Current
VIH = 2.4
-100
µA
Low Input Current
VIL = 0.4
-20
µA
Fault Logic
Fault Reset High Input Current
VIH = 2.4
±5
µA
Fault Reset Low Input Current
VIL = 0.4
-10
µA
Fault High Input Current
VIH = 2.4
±5
µA
Fault Low Input Current
VIL = 0.4
-60
µA
Fault Pulse Width
CF = 330pF
3.0
µs
CF = 2.2nF
17.0
µs
Fault Latch, VOH
ILOAD =
−1mA, Volts below VL
1.3
1.8
V
Fault Latch, VOL
ILOAD = 1mA
0.25
0.5
V
Fault Latch, VOH
ILOAD = 0, Volts below VL
0.3
V
Fault Latch, VOL
ILOAD = 0
0.2
V
Fault Reset Pulse Width
500
ns
UVLO
Turn On Threshold
7.1
V
Total Supply Current
Supply Current
CT = 1.4V
22
40
mA
CT = 1.4V, VL = 5.0V
12
20
mA
CT = 1.4V, Shutdown = 5.0V
2.5
mA
Unless otherwise stated, VCC = 20V, RT = 4.32k
Ω, CT = 330pF and CF = 2.2nF, no
load on any output, and
−55°C < TA < 125°C for the UC1726, −40°C < TA < 85°C for
the UC2726, and 0
°C < TA < 70°C for the UC3726, TA = TJ.
ELECTRICAL CHARACTERISTICS:
3


同様の部品番号 - UC1726

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
More results

同様の説明 - UC1726

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
UC1726 TI-UC1726 Datasheet
333Kb / 6P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI1-UC1724_08 Datasheet
291Kb / 5P
[Old version datasheet]   Isolated Drive Transmitter
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com