データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1842A データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1842A
部品情報  Current-Mode PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A データシート(HTML) 5 Page - Texas Instruments

  UC1842A Datasheet HTML 1Page - Texas Instruments UC1842A Datasheet HTML 2Page - Texas Instruments UC1842A Datasheet HTML 3Page - Texas Instruments UC1842A Datasheet HTML 4Page - Texas Instruments UC1842A Datasheet HTML 5Page - Texas Instruments UC1842A Datasheet HTML 6Page - Texas Instruments UC1842A Datasheet HTML 7Page - Texas Instruments UC1842A Datasheet HTML 8Page - Texas Instruments UC1842A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
UC1842A, UC1843A, UC1844A, UC1845A
UC2842A, UC2843A, UC2844A, UC2845A
UC3842A, UC3843A, UC3844A, UC3845A
www.ti.com
SLUS224E – SEPTEMBER 1994 – REVISED JULY 2016
Product Folder Links: UC1842A UC1843A UC1844A UC1845A UC2842A UC2843A UC2844A UC2845A UC3842A
UC3843A UC3844A UC3845A
Submit Documentation Feedback
Copyright © 1994–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage (low impedance source)
VCC pin
30
V
Output current, IOUT
±1
A
Output energy (capacitive load)
5
µJ
Analog inputs
–0.3
6.3
V
Maximum negative voltage
All pins
–0.3
V
Differential voltage between VC and VCC
VC pin
–0.3
V
Error amplifier output sink current, ICOMP
10
mA
Power dissipation at TA ≤ 25°C
1
W
Lead temperature (soldering, 10 s)
300
°C
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Bias supply voltage
VCC pin
11
V
VFB, VRC, VVFB
Voltage on analog pins
FB, ISENSE, and RT/CT pins
–0.1
5
V
VOUT
Gate driver output voltage
–0.1
VCC
V
IVCC
Supply bias current
25
mA
IVREF
Output current
VREF pin
10
mA
fOSC
Oscillator frequency
500
kHz
TA
Operating free-air temperature
UC184xA
–55
125
°C
UC284xA
–40
125
UC384xA
–40
85


同様の部品番号 - UC1842A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1842A TI-UC1842A Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC1842A MICROSEMI-UC1842A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A TI-UC1842A Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1842A TI-UC1842A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC1842A TI1-UC1842A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

同様の説明 - UC1842A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com