データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD8870 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD8870
部品情報  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8870 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD8870 Datasheet HTML 1Page - Fairchild Semiconductor FDD8870 Datasheet HTML 2Page - Fairchild Semiconductor FDD8870 Datasheet HTML 3Page - Fairchild Semiconductor FDD8870 Datasheet HTML 4Page - Fairchild Semiconductor FDD8870 Datasheet HTML 5Page - Fairchild Semiconductor FDD8870 Datasheet HTML 6Page - Fairchild Semiconductor FDD8870 Datasheet HTML 7Page - Fairchild Semiconductor FDD8870 Datasheet HTML 8Page - Fairchild Semiconductor FDD8870 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8870 / FDU8870 Rev. C
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Package current limitation is 35A.
2: Starting TJ = 25°C, L = 1.77mH, I AS = 28A, VDD = 27V, VGS = 10V.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, V GS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TC = 150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, I D = 250µA
1.2
-
2.5
V
rDS(ON)
Drain to Source On Resistance
ID = 35A, V GS = 10V
-
0.0032 0.0039
ID = 35A, V GS = 4.5V
-
0.0036 0.0044
ID = 35A, V GS = 10V,
TJ = 175
oC
-
0.0051 0.0063
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
5160
-
pF
COSS
Output Capacitance
-
990
-
pF
CRSS
Reverse Transfer Capacitance
-
590
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
-
2.1
-
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
V DD = 15V
ID = 35A
Ig = 1.0mA
-
91
118
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
48
62
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
5
6.5
nC
Qgs
Gate to Source Gate Charge
-
14
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
9
-
nC
Qgd
Gate to Drain “Miller” Charge
-
18
-
nC
tON
Turn-On Time
VDD = 15V, I D = 35A
VGS = 10V, R GS = 3.3Ω
-
-
139
ns
td(ON)
Turn-On Delay Time
-
9
-
ns
tr
Rise Time
-
83
-
ns
td(OFF)
Turn-Off Delay Time
-
83
-
ns
tf
Fall Time
-
42
-
ns
tOFF
Turn-Off Time
-
-
189
ns
VSD
Source to Drain Diode Voltage
ISD = 35A
-
-
1.25
V
ISD = 15A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 35A, dISD /dt = 100A/µs
-
-
37
ns
QRR
Reverse Recovered Charge
ISD = 35A, dISD /dt = 100A/µs
-
-
21
nC


同様の部品番号 - FDD8870

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8870 FAIRCHILD-FDD8870 Datasheet
491Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD8870 ISC-FDD8870 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8870 UMW-FDD8870 Datasheet
389Kb / 8P
   30V N-Channel MOSFET
logo
ON Semiconductor
FDD8870-F085 ONSEMI-FDD8870-F085 Datasheet
511Kb / 11P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD8870 FAIRCHILD-FDD8870_08 Datasheet
491Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDD8870

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com