データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF1001 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 UF1001
部品情報  ULTRAFAST GLASS PASSIVATED RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF1001 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF1001 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1001 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 10.0 A
VOLTAGE RANGE: 50 - 8 00V
Case: TO-220
Molded Plastic
ULTRAFAST GLASS PASSIVATED RECTIFIER DIODES
UF1000 - UF1008
!
!
Ultra-Fast Switching
!
!
Low Reverse Leakage Current
!
!
Plastic Material has UL Flammability
PIN1
2
               
D
F
E
!
!
MIL-STD-202, Method 208
!
!
!
!
Marking: Type Number
PIN 1 +
+
PIN 2 -
Case
K
UF
1000
UF
1001
UF
1002
UF
1003
UF
1004
UF
1006
UF
1008
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
V
Average Rectified Output Current
@TC = 100°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
TO-220
Dim
Min
Max
A
14.9
15.1
B
10.5
C
2.62
2.87
D
3.56
4.06
E
13.46
14.22
F
0.68
0.94
G
3.74Ø
3.91Ø
H
5.84
6.86
I
4.44
4.70
J
2.54
2.79
K
0.35
0.64
L
1.14
1.40
P
4.95
5.20
All Dimensions in mm
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Glass Passivated Die Construction
B
High Current Capability
C
High Surge Current Capability
G
A
P
Terminals: Plated Leads Solderable per
Mounting Position: Any
H
J
I
Weight: 2.24 grams (approx.)
L
Features
Mechanical Data
Polarity: See Diagram
Classification 94V-O
1 of 2
www.sunmate.tw


同様の部品番号 - UF1001

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
UF1001 PANJIT-UF1001 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1001 PANJIT-UF1001 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1001 WTE-UF1001 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1001 TAYCHIPST-UF1001 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

同様の説明 - UF1001

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
FGP30B SUNMATE-FGP30B Datasheet
319Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP10B SUNMATE-FGP10B Datasheet
338Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP20B SUNMATE-FGP20B Datasheet
364Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
BYM12-50 SUNMATE-BYM12-50 Datasheet
332Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com