データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33991 データシート(PDF) 7 Page - Motorola, Inc

部品番号 MC33991
部品情報  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33991 データシート(HTML) 7 Page - Motorola, Inc

Back Button MC33991 Datasheet HTML 3Page - Motorola, Inc MC33991 Datasheet HTML 4Page - Motorola, Inc MC33991 Datasheet HTML 5Page - Motorola, Inc MC33991 Datasheet HTML 6Page - Motorola, Inc MC33991 Datasheet HTML 7Page - Motorola, Inc MC33991 Datasheet HTML 8Page - Motorola, Inc MC33991 Datasheet HTML 9Page - Motorola, Inc MC33991 Datasheet HTML 10Page - Motorola, Inc MC33991 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
7
Characteristic
Symbol
Min
Typ
Max
Unit
Control I/O
Input Logic High Voltage (Note4)
VIH
2.0
V
Input Logic Low Voltage (Note4)
VIL
0.8
V
Input Logic Voltage Hysteresis (Note5)
Vin(hyst)
100
mV
Input Logic Pull Down Current (SI, SCLK)
Idwn
3
20
µA
Input Logic Pull-Up Current (CS,RST)
Iup
5
20
µA
SO High State Output Voltage (IOH = 1.0 mA)
VSOH
0.8VDD
V
SO Low State Output Voltage (IOL = -1.6 mA)
VSOL
0.2
0.4
V
SO Tri-State Leakage Current (CS
≥ 3.5 V)
SOLK
-5
0
5
µA
Input Capacitance (Note6)
Cin
4
12
pF
SO Tri-State Capacitance (Note6)
CSO
20
pF
Notes:
4.
VDD =5V
5.
Not Production Tested; guaranteed by design.
6.
Capacitance not measured; guaranteed by design.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC33991

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33991DW FREESCALE-MC33991DW Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33991DWR2 FREESCALE-MC33991DWR2 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
More results

同様の説明 - MC33991

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com