データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP007 データシート(PDF) 8 Page - Texas Instruments

部品番号 TMP007
部品情報  Infrared Thermopile Sensor with Integrated Math Engine
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP007 データシート(HTML) 8 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 4Page - Texas Instruments TMP007 Datasheet HTML 5Page - Texas Instruments TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0
10
20
30
40
50
60
70
80
Object Temperaturej (
ƒC)
0°C C
20°C C
40°C C
60°C C
C018
0.0
0.5
1.0
1.5
2.0
2.5
±50
±25
0
25
50
75
100
125
150
T
DIE (ƒC)
C036
0
5
10
15
20
25
30
35
40
45
50
±50
±25
0
25
50
75
100
125
150
T
DIE (ƒC)
PSRR
C014
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
0
10
20
30
40
50
60
70
80
Object Temperature (
ƒC)
0°C U
20°C U
40°C U
60°C U
C017
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
±50
±25
0
25
50
75
100
125
150
T
DIE (
ƒC)
Error (°C)
1
- 1
C013
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
Conversion Rate Code
Noise 25°C
Noise 75°C
C012
8
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Product Folder Links: TMP007
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
NOTE: In the last three conversion modes, there is a change in
sensor voltage, and a different set of calibration coefficients may be
needed depending on the accuracy required.
Figure 7. Sensor Noise at TDIE = 25°C and 75°C vs Sample
Time
Figure 8. TDIE Accuracy
2.5 V < VS < 5.5 V
Figure 9. TDIE PSRR vs TDIE
Figure 10. Accuracy with Unit Calibration (0°C to 60°C)
Figure 11. Accuracy with Common Calibration (0°C to 60°C)
Figure 12. POR Voltage vs TDIE


同様の部品番号 - TMP007

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
More results

同様の説明 - TMP007

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP007 TI-TMP007 Datasheet
1Mb / 55P
[Old version datasheet]   TMP007 Infrared Thermopile Sensor with Integrated Math Engine
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com