データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP122 データシート(PDF) 3 Page - Texas Instruments

部品番号 TMP122
部品情報  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122 データシート(HTML) 3 Page - Texas Instruments

  TMP122_15 Datasheet HTML 1Page - Texas Instruments TMP122_15 Datasheet HTML 2Page - Texas Instruments TMP122_15 Datasheet HTML 3Page - Texas Instruments TMP122_15 Datasheet HTML 4Page - Texas Instruments TMP122_15 Datasheet HTML 5Page - Texas Instruments TMP122_15 Datasheet HTML 6Page - Texas Instruments TMP122_15 Datasheet HTML 7Page - Texas Instruments TMP122_15 Datasheet HTML 8Page - Texas Instruments TMP122_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TMP122, TMP124
3
SBOS272B
www.ti.com
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
–40
+125
°C
Accuracy (Temperature Error)
–25
°C to +85°C
±0.5
±1.5
°C
–40
°C to +125°C
±1.0
±2.0
°C
–55
°C to +150°C
±1.5
°C
vs Supply
–0.3
0.1
+0.3
°C/V
Resolution(1)
Selectable
±0.0625
°C
DIGITAL INPUT/OUTPUT
Input Logic Levels:
VIH
0.7(V+)
V
VIL
0.3(V+)
V
Input Current, SO/I, SCK, CS
0V
≤ V
IN ≤ V+
±1
µA
Output Logic Levels:
VOL SO/I
ISINK = 3mA
0.4
V
VOH SO/I
ISOURCE = 2mA
(V+)–0.4
V
VOL ALERT
ISINK = 4mA
0.4
V
Leakage Current ALERT
0V
≤ V
IN ≤ 6V
±1
µA
Input Capacitance, SO/I, SCK, CS, ALERT
2.5
pF
Resolution
Selectable
9 to 12 + Sign
Bits
Conversion Time
9-Bit + Sign
30
40
ms
10-Bit + Sign
60
80
ms
11-Bit + Sign
120
160
ms
12-Bit + Sign
240
320
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
75
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
1
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Storage Range
–60
+150
°C
Thermal Resistance,
θ
JA
SOT23-6 Surface-Mount
200
°C/W
SO-8 Surface-Mount
150
°C/W
NOTE: (1) Specified for 12-bit resolution.
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
TMP122, TMP124


同様の部品番号 - TMP122_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP122/124 TI1-TMP122/124 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP122/124 TI1-TMP122/124 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
More results

同様の説明 - TMP122_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com