データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SS422 データシート(PDF) 3 Page - Diode Semiconductor Korea

部品番号 1SS422
部品情報  High speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DSK [Diode Semiconductor Korea]
ホームページ  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS422 データシート(HTML) 3 Page - Diode Semiconductor Korea

  1SS422 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS422 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS422 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High speed Switching Diode
1SS422
PACKAGE OUTLINE
Plastic surface mounted package
SOD-523
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
Device
Package
Shipping
1SS422
SOD-523
3000/Tape&Reel
SOD-523
Dim
Min
Max
A
1.1
1..3
B
0.7
0.9
C
0.5
0.7
D
0.25
0.35
E
0.15
0.25
J
0.1 Typical
K
1.5
1.7
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea


同様の部品番号 - 1SS422

メーカー部品番号データシート部品情報
logo
Jiangsu Changjiang Elec...
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
Yea Shin Technology Co....
1SS422 YEASHIN-1SS422 Datasheet
741Kb / 3P
   High Speed Switching Diodes
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS422 BILIN-1SS422 Datasheet
153Kb / 3P
   High speed Switching Diode
logo
TRANSYS Electronics Lim...
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
   Plastic-Encapsulated Diodes
More results

同様の説明 - 1SS422

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com