データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W01M データシート(PDF) 3 Page - Bruckewell Technology LTD

部品番号 W01M
部品情報  REVERSE VOLTAGE - 50 to 1000Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

W01M データシート(HTML) 3 Page - Bruckewell Technology LTD

  W01M Datasheet HTML 1Page - Bruckewell Technology LTD W01M Datasheet HTML 2Page - Bruckewell Technology LTD W01M Datasheet HTML 3Page - Bruckewell Technology LTD W01M Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.5WO_WOM SERIES
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [1.5WO_WOM]
© Bruckewell Technology Corporation Rev. A -2016
■RATING AND CHARACTERTIC CURVES
FIG.1- MXIMUM NON-REPETITIVE SURGE
CURRENT
FIG.2- DERATING CURVE OUTPUT
RECTIFIED CURRENT
FIG.3- TYPICAL FORWARD CHARACTERISTICS
FIG.4- TYPIACL REVERSE CHARACTERISTICS


同様の部品番号 - W01M

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
W01M WTE-W01M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Micro Commercial Compon...
W01M MCC-W01M Datasheet
310Kb / 3P
   Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
Won-Top Electronics
W01M WTE-W01M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W01M SEMTECH_ELEC-W01M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
W01M RECTRON-W01M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results

同様の説明 - W01M

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
2W005 FS-2W005 Datasheet
227Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000Volts , Forward Current 2.0 Amperes
logo
Shanghai Lunsure Electr...
6A05 CHENYI-6A05 Datasheet
52Kb / 3P
   6 Amp Rectifier 50-1000Volts
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
Microdiode Electronics ...
DSR05A CHENDA-DSR05A Datasheet
420Kb / 2P
   Reverse Voltage - 50 to 100 0 Volts
logo
Yea Shin Technology Co....
US1A YEASHIN-US1A Datasheet
38Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF2A YEASHIN-UF2A Datasheet
39Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1F1 CHENYI-1F1 Datasheet
58Kb / 2P
   1.0 Amp Fast Recovert Plastic Rectifier 50 to 1000Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com